Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA-R4R-S14-4S Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # UBA-R4R-S14-4S
Description  UB CONNECTOR USB (Universal Serial Bus) Conforming Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBA-R4R-S14-4S Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  UBA-R4R-S14-4S Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 2Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 3Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
UB CONNECTOR
Material and Finish
UBB-4R-D14T-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
Material and Finish
UBB-4R-D14C-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
1
2
3
2.5
9.76
12.24
M3
15.6
±0.08
4-φ
0.92
±0.05
12.04
±0.05
2.5
10.38
2-φ2.3±0.08
JST
Type B <Through-hole type>
With upper flange
Material and Finish
UBBS-4R-D14-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
1
2
JST
3
3
16.5
12
±0.05
2.5
±0.05
8
±0.05
5-φ2
±0.05
4-φ
0.92
±0.05
5.85
Type B <Through-hole type>
Straight
15.5
10.28
4.98
12.04
2.5
4-φ0.92±0.08
12.04±0.05
2.5±0.05
1
2
3
4-φ2.3±0.08
JST
Type B <Through-hole type>
With solder tab
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The dimensions above should serve as a guideline. Contact JST for details.
2. Thin gold-plated (Au Flash) product that is USB 2.0 uncertified product (** 10) is also available.
Receptacle
USB 2.0 certified product
UBA-4P-S14E
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Heat resisting resin, UL94V-0
Copper alloy, nickel-undercoated,
palladium-plated
Model No.
Material and Finish
No.1
No.4
FULL R
±0.05
11.7
±0.05
1.1
±0.05
7
±0.05
2
±0.05
2.5
±0.05
4.5
0
+0.05
0.7
0
+0.05
2-φ1
PC board edge
No.4
No.1
2.85
17.8
20.4
7
12
4.5
2.5
2
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. Not UL/CSA approved.
2. The dimensions left should serve as a guideline.
Contact JST for details.
3. Thin gold-plated (Au Flash) product that is USB
2.0 uncertified product (** 10) is also available.
Plug type A SMT type
USB 2.0 certified product
TID No.: 61001068
TID No.: 60000457
TID No.: 60000457
TID No.: 60000468
Q’ty/box: 270
Q’ty/box: 270
Q’ty/box: 600
Q’ty/box: 5,580



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com