Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40104O2-1000U-A99 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MF40104O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40104O2-1000U-A99 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MF40104O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 13 of 14
6. Fan guards may prevent injury during handling or installation of the fan and are
available for sale with this fan.
7. Unless otherwise noted, all testing of this fan is conducted at 25°C ambient
temperature and sixty-five percent (65%) relative humidity.
8. DO NOT store this fan in an environment with high humidity. This fan must be
stored in accordance with the attached specifications regarding storage temperature.
If this fan is stored for more than 6 months, SUNON recommends functional testing
before using.
9. SUNON reserves the right to use components from multiple sources at its discretion.
The use of components from other sources will not affect the specifications as
described herein.
10. The “Life Expectancy” of this fan has not been evaluated for use in combination with
any end application. Therefore, the Life Expectancy Test Reports (L10 and MTTF
Report) that relate to this fan are only for reference.
VI. WARRANTY
This fan is warranted against all defects which are proved to be fault in our
workmanship and material for one year from the date of our delivery. The sole
responsibility under the warranty shall be limited to the repair of the fan or the
replacement thereof, at SUNON’s sole discretion. SUNON will not be responsible for
the failures of its fans due to improper handing, misuse or the failure to follow
specifications or instructions for use. In the event of warranty claim, the customer shall
immediately notify SUNON for verification. SUNON will not be responsible for any
consequential damage to the customer’s equipment as a result of any fans proven to be
defective.
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com