Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40104O2-1000U-A99 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MF40104O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40104O2-1000U-A99 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MF40104O2-1000U-A99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40104O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 3 of 14
II. SPECIFICATION
1. MECHANICAL CHARACTERISTIC
MOTOR DESIGN
Single phase, 4-poles Brushless DC motor
BEARING SYSTEM
Precise Vapo bearing system
DIMENSIONS
See Page 6
MATERIALS OF FRAME
Thermoplastic PBT of UL 94V-0
MATERIALS OF FAN BLADE
Thermoplastic PBT of UL 94V-0
DIRECTION OF ROTATION
Counter-clockwise viewed from front of fan blade
MOUNTING HOLES
Diameter 4.3 mm in 4 holes
WEIGHT
15.6 g
2. ELECTRIC CHARACTERISTIC
RATED VOLTAGE
5 VDC
RATED CURRENT
94 mA / Max. 109 mA
RATED POWER CONSUMPTION
0.47 WATTS / Max. 0.55 WATTS
SAFETY POWER CONSUMPTION
0.65 WATTS
OPERATING VOLTAGE RANGE
3.5~6 VDC
STARTING VOLTAGE
3.5 VDC (25 deg. C POWER ON/OFF)
OPERATING TEMPERATURE RANGE
-10 to + 70 deg. C
STORAGE TEMPERATURE RANGE
-40 to + 70 deg. C
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com