Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCH5627P Datasheet(PDF) 21 Page - Microchip Technology

Part # SCH5627P
Description  Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCH5627P Datasheet(HTML) 21 Page - Microchip Technology

Back Button SCH5627P Datasheet HTML 17Page - Microchip Technology SCH5627P Datasheet HTML 18Page - Microchip Technology SCH5627P Datasheet HTML 19Page - Microchip Technology SCH5627P Datasheet HTML 20Page - Microchip Technology SCH5627P Datasheet HTML 21Page - Microchip Technology SCH5627P Datasheet HTML 22Page - Microchip Technology SCH5627P Datasheet HTML 23Page - Microchip Technology SCH5627P Datasheet HTML 24Page - Microchip Technology SCH5627P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001996A-page 21
SCH5627P
SLP_S3#
I
Sleep S3 power plane control Input.
An active low indicates that the
system is in the Suspend to RAM
state.
NO GATE
Note 3-2
\Note 3-4
Note 3-13
GP065
IO4
GPIO
NO GATE
SLP_S4_S5#
I
Sleep S5 power plane control Input.
An active low indicates that the
system is in the Soft Off state.
General Purpose I/O
NO GATE
Note 3-2
\Note 3-4
Note 3-13
GP066
IO4
GPIO
NO GATE
PWRGD_ PS
I
Active high Power Good Input to
indicate that VCC. (Input to VTR
powered logic)
NO GATE
Note 3-2
\Note 3-4
Note 3-13
GP067
IO4
GPIO
NO GATE
GP070
IO4
GPIO
NO GATE
Note 3-2
\Note 3-4
SPEAKER
O4
SPEAKER Output
NO GATE
GP071
IO4
GPIO
NO GATE
Note 3-2
\Note 3-4
IO_SMI#
OD4
System Management Interrupt
NO GATE
TRST#
I
JTAG Reset input
Must be tied to ground during normal
use.
NO GATE
LAN_WAKE#
I
Wake from Extreme Low S5 from
LANactivity
LAN_WAKE#
GP012
IO4
GPIO
NO GATE
GP004
IO16
GPIO
Forced low on VTR power on or after
a Watchdog Timer event
NO GATE
VSB_CTRL
O16
Extreme Low S5control for external
power regulator
Forced low on VTR power on
NO GATE
Note 3-25
GP013
IO16
GPIO
NO GATE
GP032
IO8
GPIO
Forced high on VTR power on or
after a Watchdog Timer event
NO GATE
KEYBOARD AND MOUSE(6)
KCLK
IOD12
Keyboard Clock I/O
NO GATE
Note 3-19
KDAT
IOD12
Keyboard Data I/O
NO GATE
Note 3-19
MCLK
IOD12
Mouse Clock I/O
NO GATE
Note 3-19
MDAT
IOD12
Mouse Data I/O
NO GATE
Note 3-19
GP063
IO4
GPIO
NO GATE
Note 3-2
Note 3-4
Note 3-5
KBDRST#
OD4
Keyboard Reset Open-Drain Output.
GATE
GP064
IO4
GPIO
NO GATE
Note 3-2
Note 3-4
Note 3-5
A20M
OD4
Gate A20 Open-Drain Output.
GATE
PECI INTERFACE (4)
PECI VREF
PECI_
VREF
PECI IO Voltage Source. 0.95V to
1.26V
TABLE 3-1:
SIGNAL DESCRIPTIONS (CONTINUED)
Name
Note 3-1
Buffer Type
per
Function
Description
Signal Affected by
VCC=0
Note 3-8
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com