Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCH5627P Datasheet(PDF) 72 Page - Microchip Technology

Part # SCH5627P
Description  Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCH5627P Datasheet(HTML) 72 Page - Microchip Technology

Back Button SCH5627P Datasheet HTML 68Page - Microchip Technology SCH5627P Datasheet HTML 69Page - Microchip Technology SCH5627P Datasheet HTML 70Page - Microchip Technology SCH5627P Datasheet HTML 71Page - Microchip Technology SCH5627P Datasheet HTML 72Page - Microchip Technology SCH5627P Datasheet HTML 73Page - Microchip Technology SCH5627P Datasheet HTML 74Page - Microchip Technology SCH5627P Datasheet HTML 75Page - Microchip Technology SCH5627P Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 234 page
background image
SCH5627P
DS00001996A-page 72
2009 - 2015 Microchip Technology Inc.
Information indicating that a prioritized interrupt is pending and the source of that interrupt is stored in the Interrupt Iden-
tification Register (refer to Table 9-11). When the CPU accesses the IIR, the Serial Port freezes all interrupts and indi-
cates the highest priority pending interrupt to the CPU. During this CPU access, even if the Serial Port records new
interrupts, the current indication does not change until access is completed. The contents of the IIR are described below.
IPEND
This bit can be used in either a hardwired prioritized or polled environment to indicate whether an interrupt is pending.
When bit 0 is a logic “0”, an interrupt is pending and the contents of the IIR may be used as a pointer to the appropriate
internal service routine. When bit 0 is a logic “1”, no interrupt is pending.
IntID
These three bits of the IIR are used to identify the highest priority interrupt pending as indicated by Table 9-11. In non-
FIFO mode, Bit[3] is a logic “0”. In FIFO mode Bit[3] is set along with Bit[2] when a timeout interrupt is pending.
FIFO_En
These two bits are set when the FIFO CONTROL Register bit 0 equals 1.
TABLE 9-11:
INTERRUPT CONTROL TABLE
FIFO
Mode
Only
Interrupt Identification
Register
Interrupt Set and Reset Functions
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset
Control
0
0
0
1
-
None
None
-
1
1
0
Highest
Receiver Line
Status
Overrun Error,
Parity Error,
Framing Error or
Break Interrupt
Reading the Line
Status Register
0
Second
Received Data
Available
Receiver Data
Available
Read Receiver
Buffer or the FIFO
drops below the
trigger level.
1
Character Timeout
Indication
No Characters
Have Been
Removed From or
Input to the RCVR
FIFO during the
last 4 Char times
and there is at least
1 char in it during
this time
Reading the
Receiver Buffer
Register
0
0
1
Third
Transmitter Holding
Register Empty
Transmitter Holding
Register Empty
Reading the IIR
Register (if Source
of Interrupt) or
Writing the
Transmitter Holding
Register
0
0
Fourth
MODEM Status
Clear to Send or
Data Set Ready or
Ring Indicator or
Data Carrier Detect
Reading the
MODEM Status
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com