Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYPEMRT Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # TYPEMRT
Description  Time Lag Radial Lead Micro Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TYPEMRT Datasheet(HTML) 2 Page - Bel Fuse Inc.

  TYPEMRT Datasheet HTML 1Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 2Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 3Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type MRT
2 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2021 Bel Fuse, Inc.
Rev. MRT Oct2021
Environmental Specifications
High temperature storage
MIL-STD-202 Method 108
Temperature cycling
JESD22 Method JA-104,Test Condition B
Biased humidity
MIL-STD-202 Method 103, 85C/85% RH with
10% operating power for 1000 hrs.
Operational life
MIL-STD-202 Method 108, Test Condition D
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213,Test Condition C
Vibration
MIL-STD-202 Method 204
Resistance to soldering
heat
MIL-STD-202 Method 210,Test condition B
Thermal shock
MIL-STD-202 Method 107
Solderability
J-STD-002
Board flex(SMD)
AEC-Q200-005
Terminal strength
AEC-Q200-006
Electrical characterization
3 temperature electrical
Electrical Specifications
Catalog
Number
Ampere
Rating
Typical
Cold
Resistance
(ohms)
Volt-drop
@100% In
(Volt)
max.
Voltage and
Interrupting
Ratings
Melting I²T
<10 mSec
(A²Sec)
Melting I²T
@10 In
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency Approvals
MRT 80
80mA
3.5
0.398
See Table
of Safety
Approvals
on Page 1
for Voltage
and
associated
Interrupting
Ratings
0.01
0.01
0.10
Y
Y
Y
Y
Y
MRT 100
100mA
2.3
0.329
0.02
0.02
0.11
Y
Y
Y
Y
Y
MRT 125
125mA
1.6
0.295
0.04
0.04
0.13
Y
Y
Y
Y
Y
MRT 160
160mA
1.1
0.252
0.07
0.06
0.15
Y
Y
Y
Y
Y
MRT 200
200mA
0.73
0.200
0.12
0.11
0.17
Y
Y
Y
Y
Y
MRT 250
250mA
0.55
0.188
0.38
0.41
0.19
Y
Y
Y
Y
Y
MRT 315
315mA
0.36
0.152
0.60
0.66
0.22
Y
Y
Y
Y
Y
MRT 400
400mA
0.25
0.129
0.90
1.0
0.25
Y
Y
Y
Y
Y
MRT 500
500mA
0.18
0.114
1.5
1.7
0.29
Y
Y
Y
Y
Y
MRT 630
630mA
0.13
0.109
2.4
2.6
0.33
Y
Y
Y
Y
Y
MRT 800
800mA
0.095
0.103
3.7
4.2
0.38
Y
Y
Y
Y
Y
MRT 1
1A
0.070
0.090
6
7
0.44
Y
Y
Y
Y
Y
Y
MRT 1.25
1.25A
0.053
0.087
9
11
0.51
Y
Y
Y
Y
Y
Y
MRT 1.6
1.6A
0.038
0.085
15
17
0.58
Y
Y
Y
Y
Y
Y
MRT 2
2A
0.029
0.084
23
27
0.67
Y
Y
Y
Y
Y
Y
MRT 2.5
2.5A
0.022
0.084
37
43
0.77
Y
Y
Y
Y
Y
Y
MRT 3.15
3.15A
0.017
0.074
58
69
0.88
Y
Y
Y
Y
Y
Y
MRT 4
4A
0.013
0.073
92
110
1.02
Y
Y
Y
Y
Y
Y
MRT 5
5A
0.010
0.073
145
175
1.17
Y
Y
Y
Y
Y
Y
MRT 6.3
6.3A
0.008
0.072
230
281
1.34
Y
Y
Y
Y
Y
MRT 8
8A
0.006
0.073
280
350
2.40
Y
Y
Y
MRT 10
10A
0.0042
0.070
300
400
1.60
Y
Y
Y
Consult manufacturer for other ratings
Shock Resistance
MIL-STD-202G, Method 213B, Test
Condition 1
(100 G's peak for 6 milliseconds;
Sawtooth waveform)
Vibration Resistance
MIL-STD-202G, Method 201A
(10-55 Hz X 3 axis / no load).
Salt Spray
Resistance
MIL-STD-202G, Method 101E, Test
Condition B (48 hrs.).
Solderability
MIL-STD-202G, Method 208H
Resistance to solder
Heat
MIL-STD-202G, Method 210F, Test
Condition C. Top Side. (260
℃,20 sec)
Moisture Resistance
MIL-STD-202G, Method 202G, Method
106G
Operating
Temperature
-55
℃ to +125℃
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com