Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYPEMRT Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # TYPEMRT
Description  Time Lag Radial Lead Micro Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TYPEMRT Datasheet(HTML) 1 Page - Bel Fuse Inc.

  TYPEMRT Datasheet HTML 1Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 2Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 3Page - Bel Fuse Inc. TYPEMRT Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type MRT
Time Lag Radial Lead Micro Fuse Series
belfuse.com/circuit-protection
MRT Series
RoHS Compliant
Description
Sub-miniature, time lag type, 250V rated fuses designed, approved and complied with
IEC 60127-3, standard sheet 4.
Features
- Time lag (250V AC)
- Meet IEC standard 60127-3, sheet 4
- Wide operating temperature range
- Bulk and Tape & Reel packing available
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery chargers
- Consumer electronics
- Adapter
- Industrial controllers
Physical Specifications
Materials
Base and Cover : Black thermoplastic, UL 94-V0
Pins : 100% Matte Tin Plated Copper
Marking
On Fuse :
"bel", "T" ,"Current Rating", "250V" & "Appropriate Safety Logos"
On Label :
"bel", "MRT", "T" , "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Electrical Characteristics (IEC-127-3 STANDARD SHEET 4) Safety Agency Approvals
Rated
Current
1.5In 2.1In
2.75In
4In
10In
Min
Max
Min
Max
Min
Max
Min
Max
80mA to
6.3A
inclusive
1
2
400
10
150
3
20
150
Above 6.3A
1
5
1000
20
150
3
20
150
hour min.
ms
sec
ms
sec
ms
ms
In clause 9.2, the test voltage for MRT ratings from 80mA
to 6.3A is 64VDC.
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
1907481
80mA-10A/
250V ac
80mA-6.3A/250V ac@35A
or 10 In whichever is greater
139937
80mA-800mA/250V ac@35A
1A-4A/250V ac@100A
40001000
5A-10A/250V ac@100A
LR39772
80mA-6.3A/250V ac@50A
E506667
80mA-10A/277V ac@100A
JET 1037-31007-1001
1A-5A/250V ac@100A
Self-declaration No:
2020970207000131
80mA-10A/250V ac@35A
or 10 In whichever is greater
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
LEAD FREE =
HALOGEN FREE =
Specifications subject to change without notice
AEC-Q Compliant


Similar Part No. - TYPEMRT

ManufacturerPart #DatasheetDescription
logo
Rohm
TYPE ROHM-TYPE Datasheet
307Kb / 8P
Zener diode
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Mini-Circuits
TYPE-N_SMA MINI-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
logo
Frontier Electronics.
TYPE5106 FRONTIER-TYPE5106 Datasheet
120Kb / 1P
TV Convergence & Width coils
More results

Similar Description - TYPEMRT

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
96Kb / 2P
Time Lag Radial Lead Micro Fuse Series
RST BEL-RST Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
0697-3150-02 BEL-0697-3150-02 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
CUI INC
RST80 CUI-RST80 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
1Mb / 4P
TYPE MRT TIME LAG RADIAL LEAD MICRO FUSE SERIES
0697W BEL-0697W Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
RSTA BEL-RSTA Datasheet
2Mb / 4P
Time Lag Radial lead Micro Fuse Series
RST BEL-RST_16 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
0697W1000-XX BEL-0697W1000-XX Datasheet
908Kb / 4P
Time Lag Radial Lead Micro Fuse Series
0697-0080-01 BEL-0697-0080-01 Datasheet
828Kb / 4P
Time Lag Radial Lead Micro Fuse Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com