Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627MF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP627MF
Description  Photocouplers Infrared LED & Photo Darlington Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627MF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP627MF Datasheet HTML 1Page - Toshiba Semiconductor TLP627MF Datasheet HTML 2Page - Toshiba Semiconductor TLP627MF Datasheet HTML 3Page - Toshiba Semiconductor TLP627MF Datasheet HTML 4Page - Toshiba Semiconductor TLP627MF Datasheet HTML 5Page - Toshiba Semiconductor TLP627MF Datasheet HTML 6Page - Toshiba Semiconductor TLP627MF Datasheet HTML 7Page - Toshiba Semiconductor TLP627MF Datasheet HTML 8Page - Toshiba Semiconductor TLP627MF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLP627M,TLP627MF
2
4.
4.
4.
4. Packaging (Note)
Packaging (Note)
Packaging (Note)
Packaging (Note)
TLP627M
11-5B2S
TLP627M(LF1,TP1)
11-5B201S
TLP627M(LF5,TP5)
11-5B205S
TLP627MF
11-5B202S
TLP627MF(LF4,TP4)
11-5B204S
Note:
Through-hole type: TLP627M, TLP627MF
Lead forming option: (LF1), (LF4), (LF5)
Taping option: (TP1), (TP4), (TP5)
5.
5.
5.
5. Pin Assignment
Pin Assignment
Pin Assignment
Pin Assignment
1: Anode
2: Cathode
3: Emitter
4: Collector
6.
6.
6.
6. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
7.62 mm pitch
TLP627M type
(Min)
7.0
7.0
0.4
10.16 mm pitch
TLP627MF type
(Min)
8.0
8.0
0.4
Unit
mm
2018-12-06
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com