Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627MF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP627MF
Description  Photocouplers Infrared LED & Photo Darlington Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627MF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP627MF Datasheet HTML 1Page - Toshiba Semiconductor TLP627MF Datasheet HTML 2Page - Toshiba Semiconductor TLP627MF Datasheet HTML 3Page - Toshiba Semiconductor TLP627MF Datasheet HTML 4Page - Toshiba Semiconductor TLP627MF Datasheet HTML 5Page - Toshiba Semiconductor TLP627MF Datasheet HTML 6Page - Toshiba Semiconductor TLP627MF Datasheet HTML 7Page - Toshiba Semiconductor TLP627MF Datasheet HTML 8Page - Toshiba Semiconductor TLP627MF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP627M,TLP627MF
1
Photocouplers Infrared LED & Photo Darlington Transistor
TLP627M,TLP627MF
TLP627M,TLP627MF
TLP627M,TLP627MF
TLP627M,TLP627MF
Start of commercial production
2018-12
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Programmable Logic Controllers (PLCs)
•
I/O Interface Boards
•
Home Electric Appliances
2.
2.
2.
2. General
General
General
General
TLP627M is a photocoupler that consists of an infrared emitting diode optically coupled to a photo darlington
transistor. Housed in a 4pin DIP, it has a high noise immunity and high insulation. With the high breakdown
voltage between the collector and emitter, TLP627M is suitable in applications such as 100 V DC output modules
of programmable controllers.
TLP627MF is a lead forming type for the long creepage mounting of TLP627M.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 300 V (min)
(2)
Current transfer ratio: 1000 % (min) (@IF = 1 mA, VCE = 1 V)
(3)
Isolation voltage: 5000 Vrms (min)
(4)
Operating temperature: -55 to 110 
(5)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory (Pending)
Note 1: When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2018-12-06
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP627MF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627 TOSHIBA-TLP627 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
logo
ISOCOM COMPONENTS
TLP627 ISOCOM-TLP627 Datasheet
77Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
More results

Similar Description - TLP627MF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP188 TOSHIBA-TLP188 Datasheet
265Kb / 10P
Photocouplers GaA As Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com