Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP182 Datasheet (PDF) - Toshiba Semiconductor

TLP182 Datasheet PDF - Toshiba Semiconductor
Part # TLP182
Download  TLP182 Download
File Size   662.28 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo Transistor

TLP182 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP182 Datasheet PDF - Toshiba Semiconductor

Part # TLP182
Download  TLP182 Click to download

File Size   662.28 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo Transistor

TLP182 Datasheet (HTML) - Toshiba Semiconductor


TLP182 Product details

General
TLP182 is a low AC input type photocoupler that consists of phototransistor optically coupled to two antiparallel infrared LED in a SO6 package.
Since TLP182 is guaranteed high isolation voltage (3750 Vrms) and wide operating temperature (Ta = -55 to 125 °C), it is suitable for high density surface mounting applications such as programmable controllers.

Features
(1) Collector-emitter voltage: 80 V (min)
(2) Current transfer ratio: 50 % (min) (@IF = ±0.5 mA, VCE = 5 V)
   GB Rank: 100 % (min) (@IF = ±0.5 mA, VCE = 5 V)
(3) Isolation voltage: 3750 Vrms (min)
(4) Operating temperature: -55 to 125 °C
(5) Safety standards
   UL-recognized: UL 1577, File No.E67349
   cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
   CQC-approved: GB4943.1, GB8898 Thailand Factory

Note 1: When a VDE approved type is needed, please designate the Option (V4).

Applications
• Switching Power Supplies
• Programmable Logic Controllers (PLCs)
• I/O Interface Boards




Similar Part No. - TLP182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
AC Isolation Voltage 3750VRMS
logo
Toshiba Semiconductor
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Similar Description - TLP182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP188 TOSHIBA-TLP188 Datasheet
265Kb / 10P
Photocouplers GaA As Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
Rev.1.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com