Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP188 Datasheet (PDF) - Toshiba Semiconductor

TLP188 Datasheet PDF - Toshiba Semiconductor
Part # TLP188
Download  TLP188 Download
File Size   265.0 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo Transistor

TLP188 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP188 Datasheet PDF - Toshiba Semiconductor

Part # TLP188
Download  TLP188 Click to download

File Size   265.0 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo Transistor

TLP188 Datasheet (HTML) - Toshiba Semiconductor


TLP188 Product details

General
TLP188 consists of phototransistors optically coupled to an infrared LED. The TLP188 is housed in the very small and thin SO6(4pin) package and that guarantees high temperature operation(Ta = 110  max). With the high breakdown voltage between the collector and emitter(VCEO = 350 V), TLP188 is suitable for use in programmable logic controllers (PLCs), and home appliances, include air conditioners.

Features
(1) Collector-emitter voltage: 350 V (min)
(2) Current transfer ratio: 50 % (min)
   Rank GB: 100 % (min)
(3) Isolation voltage: 3750 Vrms (min)
(4) Operating temperature: -55 to 110 
(5) Safety standards
   UL-recognized: UL 1577, File No.E67349
   cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
   CQC-approved: GB4943.1, GB8898 Japan and Thailand Factory

Applications
• Programmable Logic Controllers (PLCs)
• Air Conditioner Inverters




Similar Part No. - TLP188

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
AC Isolation Voltage 3750VRMS
logo
Toshiba Semiconductor
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Similar Description - TLP188

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com