Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5049VT Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FMM5049VT
Description  Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5049VT Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FMM5049VT Datasheet HTML 1Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 2Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 3Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FMM5049VT
Power Amplifier MMIC
2
OUTPUT POWER, IDD vs. INPUT POWER @ W-CDMA BAND(TUNED)
-6
-4
-2
-8
0
2
4
6
8
10
12
26
30
28
32
34
36
38
40
42
2800
2400
3200
3600
4000
4400
4800
5200
5600
Pin (dBm)
VDD = 10V,
VGG = -5V
Pout(2.1GHz)
IDD(2.1GHz)
Pout(2.15GHz)
IDD(2.15GHz)
Pout(2.2GHz)
IDD(2.2GHz)
OUTPUT POWER vs. FREQUENCY @ W-CDMA BAND(TUNED)
2.15
2.05
2.10
2.20
2.30
2.00
2.25
30
32
34
36
38
40
42
Frequency (GHz)
Pin=12dBm
8dBm
4dBm
0dBm
-4dBm
ACP, IMD & IDD vs. OUTPUT POWER @ W-CDMA BAND(TUNED)
30
26
28
32
34
36
-50
-40
-30
-20
-10
0
Total Output Power (dBm)
1000
1500
2500
2000
3000
3500
5M
IDD
IMD
10M
VDD = 10V,
VGG = -5V
VDD = 10V, VGG = -5V,
W-CDMA 2-tone Signal,
f1 = 2.14GHz,
f2 = 2.155GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com