Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5049VT Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FMM5049VT
Description  Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5049VT Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FMM5049VT Datasheet HTML 1Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 2Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 3Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FMM5049VT
Power Amplifier MMIC
3
S-PARAMETERS
VDD1,2 = 10V, VGG = -5V
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1700
.374
92.6
44.398
-99.2
.003
14.1
.594
93.0
1800
.322
65.1
51.515
-144.4
.003
-4.0
.543
63.0
1900
.252
15.6
57.842
165.5
.003
-34.5
.523
17.2
2000
.195
-55.3
56.725
114.1
.003
-51.8
.562
-36.7
2100
.188
-121.9
49.890
65.6
.002
-73.8
.578
-75.4
2200
.182
179.1
41.985
21.2
.001
-69.6
.567
-99.7
2300
.192
118.2
35.139
-20.9
.001
-78.6
.543
-116.1
2400
.241
65.6
28.492
-62.0
.001
-73.6
.559
-128.5
2500
.338
23.9
22.187
-96.5
.002
-102.5
.570
-144.0
2600
.408
-11.0
19.007
-134.8
.002
-125.7
.604
-156.5
2700
.463
-39.6
14.903
-167.5
.002
-136.7
.663
-170.2
2800
.523
-68.2
11.450
155.9
.002
-163.6
.709
177.1
2900
.580
-96.6
9.734
122.1
.002
179.7
.747
167.1
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
10
250
2.9GHz
2.9GHz
2.5
2.5
2.7
2.7
1.7
1.7
1.9
1.9
2.1
2.1
2.3
2.3
.01
.005
20
40
60
80
50
Ω
SCALE FOR |S12|
2.9GHz
2.9GHz
2.5
2.5
2.7
2.7
1.7
1.7
2.1
2.1
2.3
2.3
1.9
1.9
100
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com