Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 37Page - Omron Electronics LLC A22Z-R Datasheet HTML 38Page - Omron Electronics LLC A22Z-R Datasheet HTML 39Page - Omron Electronics LLC A22Z-R Datasheet HTML 40Page - Omron Electronics LLC A22Z-R Datasheet HTML 41Page - Omron Electronics LLC A22Z-R Datasheet HTML 42Page - Omron Electronics LLC A22Z-R Datasheet HTML 43Page - Omron Electronics LLC A22Z-R Datasheet HTML 44Page - Omron Electronics LLC A22Z-R Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
A22E
41
Structure and Nomenclature
Dimensions
(Unit: mm)
Non-lighted Models
Note: Unless otherwise specified, a tolerance of ±0.8 mm applies to all dimensions.
A22E-MP
A22E-S
A22E-M
A22E-L
}
Color: Red
Non-lighted
LED lighting
Light source
• LED Lamp
Mounting Latches
Switch Blocks
Lighting unit
Contact Ratings
10 A at 100 VAC (resistive load)
10 A at 24 VDC (resistive load)
Lighting Method
Non-lighted
Lighted (Direct lighting)
Lighted (Voltage-reduction lighting)
Lock Plate (Attached with the Operation Unit)
(Refer to the "Mounting the Lock Plate" on page 50 for use.)
Operation Unit
Lamp
Switch
1.8
5.9
(0.5)
32
54.7
40 dia.
34
Medium Pull-reset (40-dia.) Degree of Protection:
IP65 oil-resistant models
1.8
5.9
(0.5)
32
54.7
34
30 dia.
Small Turn-reset (30-dia.) Degree of Protection:
IP65 oil-resistant models
2
1.5
2
5.9
1.8
(0.5)
32
54.7
41.2
18.5
6.5
40 dia.
34
Note: The dimensions are the same as for EMO/EMS
indication models.
Medium Turn-reset (40-dia.) Degree of Protection:
IP65 oil-resistant models
1.8
5.9
(0.5)
32
54.7
60 dia.
34
Large Turn-reset (60-dia.)Degree of Protection:
IP65 oil-resistant models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com