Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 38Page - Omron Electronics LLC A22Z-R Datasheet HTML 39Page - Omron Electronics LLC A22Z-R Datasheet HTML 40Page - Omron Electronics LLC A22Z-R Datasheet HTML 41Page - Omron Electronics LLC A22Z-R Datasheet HTML 42Page - Omron Electronics LLC A22Z-R Datasheet HTML 43Page - Omron Electronics LLC A22Z-R Datasheet HTML 44Page - Omron Electronics LLC A22Z-R Datasheet HTML 45Page - Omron Electronics LLC A22Z-R Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
A22E
42
Note: Unless otherwise specified, a tolerance of ±0.8 mm applies to all dimensions.
Accessories (Order Separately)
Control Box
Control Box
Note: For details on the accessories common to the screw terminal block types and push-in plus terminal block types, refer to "Common
Accessories and Tools (Order Separately)" on page 51.
Lighted Model
Switch dimensions when mounted to a 2NO (2NC) one-piece
switch block
A22EL-M
LED Lamp
A22-6
@, 12@, 24@
2
1.5
2
5.9
1.8
(0.5)
32
54.7
41.2
18.5
6.5
40 dia.
34
Medium Turn-reset (40-dia.) Degree of Protection:
IP65 oil-resistant models
72.7
57.8
44
24
Note: The operation unit is an example for the A22E-M.
20±1.5
BA9S/13
Model indication
6.3
2-R3
4.3
16±1 dia.
(Bottom lead
draw-out hole)
32
39
Two, mounting holes
4-4×38 tapping screw
22.1±
0.3
0.1
dia.
10
(10×36) 0.6 depression
75
20.5±0.1
Two, 21 dia.
(Side lead
draw-out hole)
20
41
69.5
A22Z-B101Y (1-hole)
Cable Draw-out Hole
(Top View)
Mounting Hole
Two, 19±1 dia.
(Bottom lead draw-out hole)
40
Two, mounting holes
Four, M4 Screws
22.1±
0.3
0.1
dia.
10
(10×36) 0.6 depression
68
20.5±0.1
Two, 21 dia.
(Side lead
draw-out hole)
30.5
60
16
6.3
2-R3
4.3
A22Z-B201Y (1-hole)
Cable Draw-out Hole
(Top View)
Mounting Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com