Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC00 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEOAC00
Description  Rad-hard plastic quad 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC00 Datasheet(HTML) 1 Page - STMicroelectronics

  LEOAC00 Datasheet HTML 1Page - STMicroelectronics LEOAC00 Datasheet HTML 2Page - STMicroelectronics LEOAC00 Datasheet HTML 3Page - STMicroelectronics LEOAC00 Datasheet HTML 4Page - STMicroelectronics LEOAC00 Datasheet HTML 5Page - STMicroelectronics LEOAC00 Datasheet HTML 6Page - STMicroelectronics LEOAC00 Datasheet HTML 7Page - STMicroelectronics LEOAC00 Datasheet HTML 8Page - STMicroelectronics LEOAC00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
•
NAND gate
•
6 V max. operating
•
7 V max. rating
•
8 ns propagation delay
•
Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
•
Gold-wires
•
RML <1% and CVCM <0.1% guaranteed outgassing
•
50 krad (Si) total ionizing dose
•
SEL-free up to 62.5 MeV.cm²/mg
•
Mass: 80 mg
•
Compliant with ST-LEO-specification
Application
•
Low earth orbit (LEO) applications
Description
The LEOAC00 is a CMOS low power quad 2-input NAND gate qualified for use in
aerospace environments. It operates from 2 V to 6 V power supply (7 V absolute
maximum ratings).
The LEOAC00 can operate over a large temperature range of -40 °C to +125 °C and
it is housed in plastic TSSOP-20, thin-shrink small outline package, 20 leads, using
gold-wires and nickel/palladium/golden-lead-finishing to prevent from whiskers.
The LEOAC00 is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off between footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.
Product status link
LEOAC00
Rad-hard plastic quad 2-input NAND gate
LEOAC00
Datasheet
DS13639 - Rev 4 - August 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEOAC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT-D STMICROELECTRONICS-LEOAC08PT-D Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results

Similar Description - LEOAC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT AND GATE
Mar-2004
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
RAD-HARD 8-INPUT NAND GATE
Apr-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
Mar-2004
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC32 STMICROELECTRONICS-LEOAC32 Datasheet
505Kb / 17P
Rad-hard plastic quad two-input OR gate
31-Jan-2022
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
Rad-Hard, quad high speed NAND gate
16-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com