Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC00 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LEOAC00
Description  Rad-hard plastic quad 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC00 Datasheet(HTML) 3 Page - STMicroelectronics

  LEOAC00 Datasheet HTML 1Page - STMicroelectronics LEOAC00 Datasheet HTML 2Page - STMicroelectronics LEOAC00 Datasheet HTML 3Page - STMicroelectronics LEOAC00 Datasheet HTML 4Page - STMicroelectronics LEOAC00 Datasheet HTML 5Page - STMicroelectronics LEOAC00 Datasheet HTML 6Page - STMicroelectronics LEOAC00 Datasheet HTML 7Page - STMicroelectronics LEOAC00 Datasheet HTML 8Page - STMicroelectronics LEOAC00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
Maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC(1)
Maximum power supply between VCC and GND
-0.5 to 7
V
VIN
DC input voltage range
-0.5 to VCC+0.5 (and 7 V max.)
V
VOUT
DC output voltage range
-0.5 to VCC+0.5 (and 7 V max.)
V
IK
I/O clamp diode current
+/-20
mA
Tstg
Maximum temperature storage
-65 to 150
°C
Tj(2)
Maximum junction temperature
+150
°C
Rth(3)
Junction-to-ambient thermal resistance (Ɵja)
80
°C/W
Junction-to-case thermal resistance (Ɵjc)
17
°C/W
ESD
HBM (human body model)
2 k
V
CDM (charged device model)
1 k
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal.
2. Maximum junction temperature shall not be exceeded except for allowable short duration burn-in screening conditions as
per the method 5004 of MIL-STD-883.
3. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the amplifiers.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Analog supply voltage
2
6
V
VIN
Input voltage range
0
VCC
V
VOUT
Output voltage range
0
VCC
V
Ta
Ambient temperature range
-40
+125
°C
Note:
All unused inputs must be held at VCC or GND to ensure proper device operation.
LEOAC00
Maximum ratings and operating conditions
DS13639 - Rev 4
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com