Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128PT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LEOAD128PT
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128PT Datasheet(HTML) 5 Page - STMicroelectronics

  LEOAD128PT Datasheet HTML 1Page - STMicroelectronics LEOAD128PT Datasheet HTML 2Page - STMicroelectronics LEOAD128PT Datasheet HTML 3Page - STMicroelectronics LEOAD128PT Datasheet HTML 4Page - STMicroelectronics LEOAD128PT Datasheet HTML 5Page - STMicroelectronics LEOAD128PT Datasheet HTML 6Page - STMicroelectronics LEOAD128PT Datasheet HTML 7Page - STMicroelectronics LEOAD128PT Datasheet HTML 8Page - STMicroelectronics LEOAD128PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
3
Electrical characteristics
AVCC = DVCC = +3.3 V, AGND = DGND = 0 V, fSCLK = 16 MHz, fSAMPLE = 1 Msps, CL = 25 pF, typ. values at
+25 °C, min./max. values at -40 °C and 125 °C, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Static characteristics
Resolution with no missing
codes
12
Bits
INL
Integral non-linearity (end
point method)
−1.1
±0.4
1.1
LSB
DNL
Differential non-linearity
-0.9
±0.4
0.9
LSB
VOFF
Offset error
−2.3
0.8
2.3
LSB
OEM
Offset error match
0.8
LSB
FSE
Full scale error
−2.3
0.8
2.3
LSB
FSEM
Full scale error match
0.8
LSB
Dynamic characteristics
ENOB
Effective number of bits
FIN = 40.2 kHz, −0.02 dBFS
11.1
11.7
Bits
SINAD
Signal-to-noise plus
distortion ratio (0 to Fs/2)
FIN = 40.2 kHz, −0.02 dBFS
68.9
72
dB
SNR
Signal-to-noise ratio (0 to
Fs/2)
FIN = 40.2 kHz, −0.02 dBFS
71
73
dB
THD
Total harmonic distortion
FIN = 40.2 kHz, −0.02 dBFS
−80
−73
dB
SFDR
Spurious-free dynamic
range (0 to Fs/2)
FIN = 40.2 kHz, −0.02 dBFS
74
81
dB
ISO
Channel-to-channel
isolation
FIN = 20 kHz, −0.02 dBFS
84
dB
IM2
2nd order intermodulation
fa = 19.5 kHz, fb = 20.5 kHz
VINA = VINB = -6.02 dBFS
−90
dB
IM3
3rd order intermodulation
fa = 19.5 kHz, fb = 20.5 kHz
VINA = VINB = -6.02 dBFS
−90
dB
Analog input characteristics
IDCL
-1
+1
µA
CINA
Input capacitance
Track mode
45
pF
Hold mode
4.5
Digital input characteristics
VIH
Input high voltage
AVCC = DVCC = +2.7 V to +3.6 V
2.1
V
VIL
Input low voltage
AVCC = DVCC = +2.7 V to +3.6 V
0.8
V
IIN
Digital input current
VIN = 0V or DVCC
-1
+1
µA
CIND
Digital input capacitance
4.5
pF
Digital output characteristics (output coding: straight (natural) binary)
VOH
Output high voltage
Isource = 200 µA
AVCC = DVCC = +2.7 V to +3.6 V
2.8
V
VOL
Output low voltage
Isink = 200 µA to 1.0 mA,
0.4
V
LEOAD128
Electrical characteristics
DS13668 - Rev 2
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com