Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128PT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LEOAD128PT
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128PT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LEOAD128PT Datasheet HTML 2Page - STMicroelectronics LEOAD128PT Datasheet HTML 3Page - STMicroelectronics LEOAD128PT Datasheet HTML 4Page - STMicroelectronics LEOAD128PT Datasheet HTML 5Page - STMicroelectronics LEOAD128PT Datasheet HTML 6Page - STMicroelectronics LEOAD128PT Datasheet HTML 7Page - STMicroelectronics LEOAD128PT Datasheet HTML 8Page - STMicroelectronics LEOAD128PT Datasheet HTML 9Page - STMicroelectronics LEOAD128PT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
AVCC = DVCC = +2.7 V to +3.6 V
IOZH, IOZL
High impedance output
leakage current
AVCC = DVCC = +2.7 V to +3.6 V
-1
+1
µA
COUT
High-impedance output
capacitance
4.5
pF
Power supply characteristics, CL=10 pF
IAVCC + IDVCC
Total supply current, normal
mode (/CS low)
AVCC = DVCC = +2.7 V to +3.6 V,
fS = 1 MSPS, FIN = 40 kHz
0.9
2
mA
Total supply
current,shutdown mode
(/CS high)
AVCC = DVCC = +2.7 V to +3.6 V,
fS = 0
0.11
10
µA
Clocking characteristics, AVCC = DVCC = +2.7 V to +3.6 V
tCONVERT
Conversion (hold) time
13
SCLK
cycles
DC
SCLK duty cycle
40
60
%
tACQ
Acquisition (track) time
cycles
See Section 4 Timing diagrams
3
SCLK
cycles
Throughput time
acquisition time +
conversion time
16
SCLK
cycles
tAD
Aperture delay
4
ns
Timing specifications, AVCC = DVCC = +2.7 V to +3.6 V
tCSH(2)
/CS hold time after SCLK
rising edge
10
0
ns
tCSS(2)
/CS setup time prior SCLK
rising edge
10
4.5
tEN
/CSfalling edge to DOUT
enabled
5
30
ns
tDACC
DOUT access time after
SCLK falling edge
17
27
ns
tDHLD
DOUT hold time after SCLK
falling edge
7
4
ns
tDS
DIN set-up time prior to
SCLK rising edge
10
ns
tDH
DIN hold time after SCLK
rising edge
10
ns
tCH
Min. SCLK high time
0.4 x tSCLK
ns
tCL
Min. SCLK low time
0.4 x tSCLK
ns
tDIS
/CS rising edge to DOUT
high-impedance
DOUT falling
2.4
20
ns
DOUT rising
0.9
20
ns
1. Limits are guaranteed by functional test.
2. Clock may be in any state (high or low) when /CS goes high. Set-up and hold time restrictions apply only
to /CS going low.
LEOAD128
Electrical characteristics
DS13668 - Rev 2
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com