Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26S Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 9Page - STMicroelectronics LNBH26S Datasheet HTML 10Page - STMicroelectronics LNBH26S Datasheet HTML 11Page - STMicroelectronics LNBH26S Datasheet HTML 12Page - STMicroelectronics LNBH26S Datasheet HTML 13Page - STMicroelectronics LNBH26S Datasheet HTML 14Page - STMicroelectronics LNBH26S Datasheet HTML 15Page - STMicroelectronics LNBH26S Datasheet HTML 16Page - STMicroelectronics LNBH26S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Component
Notes
D2
1N4001-07, S1A-S1M, or any similar general purpose rectifier
D3
BAT54, BAT43, 1N5818, or any low power Schottky diode with IF(AV) > 0.2 A, VRRM > 25 V, VF < 0.5 V. To
be placed as close as possible to VOUT pin
L1
With COMP=0, use 10 µH inductor with ISAT > IPEAK where IPEAK is the boost converter peak current
or
with COMP=1 and C2 = 22 µF, use 6.8 µH inductor with ISAT > IPEAK where IPEAK is the boost converter
peak current
L2
220 µH - 270 µH inductor as per DiSEqC 2.x specification
TR1
MMBTA92, 2STR2160 or any low power PNP with IC > 250 mA, VCE > 30 V, can be used
Also any small power PMOS with ID > 250 mA, RDS(on) < 0.5 W, VDS > 20 V, can be used
LNBH26S
Typical application circuits
DS8975 - Rev 5
page 13/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com