Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFAHC00K01V Datasheet(PDF) 2 Page - STMicroelectronics

Part # RHFAHC00K01V
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00K01V Datasheet(HTML) 2 Page - STMicroelectronics

  RHFAHC00K01V Datasheet HTML 1Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 2Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 3Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 4Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 5Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 6Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 7Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 8Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Pin description
1.1
Pin description
Figure 1. Pin description
11
14
12
10
1
2
3
4
5
6
7
2A
4B
2B
2Y
GND
Vcc
3B
4Y
1A
1B
1Y
4A
13
9
8
3Y
3A
Note:
Pin 7 (GND) is electrically connected to the metallic lid.
Figure 2. Schematic
Table 1. Truth table
Inputs
Outputs
mA
mB
mY
L
L
H
H
L
H
L
H
H
H
H
L
Note:
H = high voltage level; L= low voltage level. This truth table is functionally tested with a square signal of 150
MHz between 0 V (low input level) and Vcc (high input level), from 1.65 V to 3.6 V power supply, from -55 °C to
125 °C ambient temperature.
RHFAHC00
Pin description
DS12465 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com