Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFAHC00K01V Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFAHC00K01V
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00K01V Datasheet(HTML) 3 Page - STMicroelectronics

  RHFAHC00K01V Datasheet HTML 1Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 2Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 3Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 4Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 5Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 6Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 7Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 8Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameters
Value
Units
Vcc (1)
Maximum power supply between Vcc and GND
-0.3 to 4.8
V
Tstg
Maximum temperature storage
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
Rthjc (2)
Junction-to-case thermal resistance
22
°C/W
Rthja
Junction-to-ambient thermal resistance
125
°C/W
Vi
Max. voltage on any pin
-0.3 to Vcc+0.3 (and 4.8 V max.)
V
Ii
Max. input current at any pin
±10
mA
Iout
DC output diode current
±50
mA
ESD
HBM on all pins (human body model)
4 k
V
CDM on all pins (charged device model)
1 k
V
1. All voltages refer to ground level.
2. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on outputs.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 3. Operating conditions
Symbol
Parameters
Min.
Max.
Units
Vcc
Supply voltage
1.65
3.6
V
VIN
Input voltage
0
Vcc
V
Δt/Δv
Minimum input rise of fall rate
10
ns/V
Tamb
Ambient temperature range
-55
+125
°C
RHFAHC00
Absolute maximum ratings and operating conditions
DS12465 - Rev 2
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com