Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFLVDSR2D2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHFLVDSR2D2
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHFLVDSR2D2 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 9Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 10Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 11Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 12Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 13Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 14Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 15Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Test circuit for the receiver
RHFLVDSR2D2
12/17
DocID025372 Rev 3
Figure 6. Enable and disable waveforms
1. All input pulses are supplied by a generator with the following characteristics: tr or tf ≤ 1 ns, 
fG or fG = 500 kHz, and pulse width G or G = 500 ns.
2. The product is guaranteed in test with CL = 10 pF.
DEN
TPZH
50%
50%
50%
TPHZ
VOH –0.5V
VO
Low
VO
high
VOH
VOL
TPZL
50%
TPLZ
VOL + 0.5V
VCC /2
VCC /2
VCC /2
VCC /2
LVDS
Receiver
VCM=(VIA+VIB)/2
VID
VIA
VIB
(A) IN+
(B) IN-
II
VO
10pF
400 ohm
400 ohm
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com