Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRPM4423K01V Datasheet(PDF) 24 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RHRPM4423K01V Datasheet HTML 20Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 21Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 22Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 23Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 24Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 25Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 26Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 27Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
12
Ordering information
Table 9. Order code
Order code
SMD pin
Quality level
EPPL
Package
Lead
finish
Max.
power
diss.
[mW] (1)
Mass
[g]
Temperature
range
Packing
RHRPM4423K01V (2)
5962R9951105VYC
QML-V
-
FLAT-16
Gold
550
0.7
-55 to 125 °C
Strip
pack
RHRPM4423K02V (2)
5962R9951105VYA
Solder
dip
RHRPM4423LK01V (2)
5962R9951105VZC
FLAT-10
Gold
350
RHRPM4423LK02V (2)
5962R9951105VZA
Solder
dip
RH-PM4423K1 (2)
-
Engineering
model
FLAT-16
Gold
550
RH-PM4423LK1 (2)
-
FLAT-10
350
RHRPM4423D2V (2)
5962R9951105V9A
QML-V
1. Per channel at Ta = 70 °C.
2. Contact ST sales office for information about the specific conditions for product in die form and for other
quality levels.
Contact ST sales office for information about the specific conditions for :
1) Products in die form
2) Other quality levels
3) Tape and reel packing
RHRPM4423
Ordering information
DS11827 - Rev 3
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com