Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRPM4423K01V Datasheet (PDF) - STMicroelectronics

RHRPM4423K01V Datasheet PDF - STMicroelectronics
Part # RHRPM4423K01V
Download  RHRPM4423K01V Download
File Size   1092.45 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 4.5 A dual inverting low-side MOSFET driver

RHRPM4423K01V Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRPM4423K01V Datasheet PDF - STMicroelectronics

Part # RHRPM4423K01V
Download  RHRPM4423K01V Click to download

File Size   1092.45 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 4.5 A dual inverting low-side MOSFET driver

RHRPM4423K01V Datasheet (HTML) - STMicroelectronics


RHRPM4423K01V Product details

Features
• Wide operating voltage range: 4.65 V to 18 V
• Parallel driving capability up to 9 A
• Inverting configuration
• Input 5 V logic level compatibility
• 110 ns typical propagation delay
• Matched propagation delays between the two channels (5 ns max.)
• 20 mV maximum low level output voltage
• 30 ns rise and fall times
• +/-5 V common mode bouncing between signal and power grounds
• TID:
– 100 krad HDR
– 100 krad LDR
• QML-V qualification
• Hermetic package

Description
The RHRPM4423 is a flexible, high-frequency dual low-side driver specifically
designed to work with high capacitive MOSFETs and IGBTs in an environment with
high levels of radiation such as aerospace. The RHRPM4423 outputs can sink and
source 4.5 A of peak current independently. If two PWM outputs are in parallel, a
higher driving current (up to 9 A peak) can be achieved. The RHRPM4423 works with
CMOS/TTL compatible PWM signal so it can be driven by an external PWM
controller, such as the ST1843 or the ST1845. The FLAT-16 version conforms to an
industry standard pinout and can dissipate up to 550 mW per channel, while FLAT-10
version optimizes the PCB real estate. Since both of packages are hermetic, this
device is suitable for any kind of harsh-environment.

Applications
• Switch mode power supply
• DC-DC converters
• Motor controllers
• Line drivers




Similar Part No. - RHRPM4423K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
RHRPM4424D2V STMICROELECTRONICS-RHRPM4424D2V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
RHRPM4424K01V STMICROELECTRONICS-RHRPM4424K01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
RHRPM4424K02V STMICROELECTRONICS-RHRPM4424K02V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
RHRPM4424LK01V STMICROELECTRONICS-RHRPM4424LK01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Similar Description - RHRPM4423K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
M54HCT138 STMICROELECTRONICS-M54HCT138_04 Datasheet
252Kb / 10P
RAD HARD 3 TO 8 LINE DECODER (INVERTING)
16-Jun-2004
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
logo
Anaren Microwave
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
logo
STMicroelectronics
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com