Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60200CHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH60200CHR
Description  Rad-Hard 60 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60200CHR Datasheet(HTML) 4 Page - STMicroelectronics

  STTH60200CHR Datasheet HTML 1Page - STMicroelectronics STTH60200CHR Datasheet HTML 2Page - STMicroelectronics STTH60200CHR Datasheet HTML 3Page - STMicroelectronics STTH60200CHR Datasheet HTML 4Page - STMicroelectronics STTH60200CHR Datasheet HTML 5Page - STMicroelectronics STTH60200CHR Datasheet HTML 6Page - STMicroelectronics STTH60200CHR Datasheet HTML 7Page - STMicroelectronics STTH60200CHR Datasheet HTML 8Page - STMicroelectronics STTH60200CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.4
Characteristics (curves)
Figure 1. Typical forward voltage drop versus forward
current
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
IF ( A )
VF(V)
Tj = 25 °C
Tj = 125 °C
Tj = -55 °C
Figure 2. Maximum forward voltage drop versus forward
current
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
IF ( A )
VF(V)
Tj = 25 °C
Tj = 125 °C
Tj = -55 °C
Figure 3. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
t p (s)
Single pulse
Zth(j-c) /Rth(j-c)
SMD1
Figure 4. Typical peak reverse recovery current versus
dIF/dt
0
5
10
15
20
25
0
100
200
300
400
500
IF= 30 A
VR= 160 V
Tj= 125 °C
IRM(A)
dIF/dt(A/µs)
STTH60200CHR
Characteristics (curves)
DS12587 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com