Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60200CHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH60200CHR
Description  Rad-Hard 60 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60200CHR Datasheet(HTML) 1 Page - STMicroelectronics

  STTH60200CHR Datasheet HTML 1Page - STMicroelectronics STTH60200CHR Datasheet HTML 2Page - STMicroelectronics STTH60200CHR Datasheet HTML 3Page - STMicroelectronics STTH60200CHR Datasheet HTML 4Page - STMicroelectronics STTH60200CHR Datasheet HTML 5Page - STMicroelectronics STTH60200CHR Datasheet HTML 6Page - STMicroelectronics STTH60200CHR Datasheet HTML 7Page - STMicroelectronics STTH60200CHR Datasheet HTML 8Page - STMicroelectronics STTH60200CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SMD1
STTH60200CSA1
31218
FR
Pin3 : K
Pin2 : A2
Pin1 : A1
The upper metallic lid is not internally connected to any pin,
nor to the IC die inside the package
Features
Forward current: 2 x 30 A
Repetitive peak reverse voltage: 200 V
Low forward voltage drop: 0.95 V at 60 A / 125 °C
Monolithic dual die - common cathode
Ceramic hermetic package
TID and SEE characterized
Package mass: 2.3 g
ESCC qualified: 5103/033
Description
The STTH60200CHR is a monolithic dual rectifier assembled in a SMD1 hermetic
package and screened to comply with the ESCC5000 specification for Rad-Hard
products. It is in addition characterized in total dose and in single event effect. it is
intended to get ESCC qualified.
The ESCC Detail Specification for this device is available from the European Space
Agency web site. ST guarantees full compliance of qualified parts with the ESCC
Detailed Specification.
Product status link
STTH60200CHR
Product summary
IF(AV)
2 x 30 A
VRRM
200 V
Tj(max)
175 °C
VF(max) at 2 x 30
A / 125 °C
0.95 V
Rad-Hard 60 A - 200 V fast recovery rectifier
STTH60200CHR
Datasheet
DS12587 - Rev 2 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH60200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602C STMICROELECTRONICS-STTH602C Datasheet
111Kb / 9P
Ultrafast recovery diode
05-Apr-2006
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
426Kb / 9P
Automotive ultrafast recovery diode
16-Mar-2017
STTH602C-Y STMICROELECTRONICS-STTH602C-Y_V01 Datasheet
426Kb / 9P
Automotive ultrafast recovery diode
16-Mar-2017
STTH602CBY-TR STMICROELECTRONICS-STTH602CBY-TR Datasheet
426Kb / 9P
Automotive ultrafast recovery diode
16-Mar-2017
More results

Similar Description - STTH60200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com