Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSX027X Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FSX027X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSX027X Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FSX027X Datasheet HTML 1Page - Eudyna Devices Inc FSX027X Datasheet HTML 2Page - Eudyna Devices Inc FSX027X Datasheet HTML 3Page - Eudyna Devices Inc FSX027X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FSX027X
GaAs FET & HEMT Chips
POWER DERATING CURVE
1.5
1.2
0.9
0.6
0.3
0
50
100
150 200
Case Temperature (°C)
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
OUTPUT POWER vs. INPUT POWER
24
6
8
10
Drain-Source Voltage (V)
80
100
120
140
40
60
20
VGS = 0V
-0.2V
-0.4V
-0.6V
-0.8V
-1.0V
-1.2V
0
VDS = 8V
IDS = 0.5 IDSS
-4
-6
-2
0
2
4
6
8 10
14 16 18 20
12
Input Power (dBm)
12
10
14
16
18
20
22
24
26
8
30
60
50
40
20
10
ηadd
Pout
f=4GHz
f=4GHz
8GHz
8GHz
12GHz
12GHz
P 1dB vs. VDS
f = 8GHz
IDS = 0.7 IDSS
23
25
19
4
56
7
17
8
21
Drain-Source Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com