Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSX027X Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FSX027X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FSX027X Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FSX027X Datasheet HTML 1Page - Eudyna Devices Inc FSX027X Datasheet HTML 2Page - Eudyna Devices Inc FSX027X Datasheet HTML 3Page - Eudyna Devices Inc FSX027X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
S-PARAMETERS
VDS = 8V, IDS = 75mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1000
.981
-41.2
7.117
153.2
.023
67.6
.633
-14.9
2000
.946
-75.2
6.065
130.8
.040
50.3
.588
-26.6
3000
.913
-100.3
5.015
113.3
.050
37.4
.548
-35.2
4000
.882
-118.9
4.168
99.4
.055
28.8
.523
-42.1
5000
.877
-132.7
3.520
87.9
.058
22.2
.506
-48.4
6000
.867
-143.6
3.026
77.9
.060
17.3
.498
-54.7
7000
.860
-152.5
2.644
69.0
.062
13.6
.499
-60.9
8000
.854
-159.9
2.336
60.9
.063
10.2
.504
-67.1
9000
.849
-166.3
2.089
53.1
.064
7.0
.515
-73.4
10000
.845
-172.0
1.887
45.8
.065
4.4
.524
-79.0
11000
.841
-177.2
1.716
36.7
.065
2.1
.539
-84.7
12000
.837
178.3
1.569
32.0
.065
0.0
.550
-90.3
13000
.834
174.1
1.441
25.4
.066
-1.0
.561
-95.7
14000
.829
169.8
1.332
18.9
.067
-3.5
.574
-101.2
15000
.826
166.1
1.238
12.6
.067
-5.4
.589
-106.8
16000
.824
162.7
1.155
6.6
.068
-6.1
.603
-112.5
17000
.817
159.3
1.074
.4
.069
-9.1
.623
-118.0
18000
.813
155.9
1.001
-5.5
.068
-10.4
.642
-123.1
19000
.814
152.8
.543
-11.3
.069
-11.2
.657
-127.9
20000
.811
150.1
.888
-16.9
.069
-13.4
.672
-132.7
NOTE:* The data includes bonding wires.
n: number of wires
Gate
n=1 (0.2mm length, 25µm Dia Au wire)
Drain
n=1 (0.2mm length, 25µm Dia Au wire)
Source n=4 (0.2mm length, 25µm Dia Au wire)
FSX027X
GaAs FET & HEMT Chips
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com