Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPRI Datasheet(PDF) 1 Page - IDEC Corporation

Part # DPRI
Description  Magnetic Proximity Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

DPRI Datasheet(HTML) 1 Page - IDEC Corporation

  DPRI Datasheet HTML 1Page - IDEC Corporation DPRI Datasheet HTML 2Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetic: DPRI
227
USA: 800-262-IDEC
Canada: 888-317-IDEC
Sensors
Magnetic: DPRI
Magnetic Proximity Switches
Lightweight, compact design reduces mounting space
requirements
Compact size allows units to be mounted in close
proximity to each other
Sealed reed contact can be used in dusty locations
Long life and high reliability
•
•
•
•
The DPRI magnetic proximity switch incorporates a sealed reed switch and four magnets inside a com-
pact housing. This self-contained proximity switch requires no external power supply and can detect the
presence of magnetic objects without contact.
Dimensions
0.7"
(18mm)
0.2"
(5mm)
39.37"
(1000mm)
1.46"
(37mm)
1.12"
(28.5mm)
Close Mounting of 2 units
Single Mounting
M3 or 3, 2-3, 6 dia
0.39"
(10mm)
P = 0.75" (19mm)
‰
P
0.39"
(10mm)
0.39"
(10mm)
0.35"
(9mm)


Similar Part No. - DPRI

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DPR APEX-ELECTRONICS-DPR Datasheet
315Kb / 2P
Dual-in-Line Packaging Switch, right angle, through hole
logo
Automatic Timing & Cont...
DPR-175A ATC-DPR-175A Datasheet
296Kb / 1P
Phase Monitor
DPR-350C ATC-DPR-350C Datasheet
297Kb / 2P
Voltage Phase Monitor
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
AC/DC Adapter
logo
Automatic Timing & Cont...
DPR175A ATC-DPR175A Datasheet
296Kb / 1P
Phase Monitor
More results

Similar Description - DPRI

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FBV SHIELD-FBV Datasheet
219Kb / 2P
MAGNETIC SWITCHES
FPA SHIELD-FPA Datasheet
287Kb / 2P
MAGNETIC SWITCHES
FPB SHIELD-FPB Datasheet
289Kb / 2P
MAGNETIC SWITCHES
FPM SHIELD-FPM Datasheet
277Kb / 2P
MAGNETIC SWITCHES
FPV SHIELD-FPV Datasheet
307Kb / 2P
MAGNETIC SWITCHES
FTV SHIELD-FTV Datasheet
275Kb / 2P
MAGNETIC SWITCHES
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com