Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPRI Datasheet(PDF) 2 Page - IDEC Corporation

Part # DPRI
Description  Magnetic Proximity Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

DPRI Datasheet(HTML) 2 Page - IDEC Corporation

  DPRI Datasheet HTML 1Page - IDEC Corporation DPRI Datasheet HTML 2Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Magnetic: DPRI
228
www.idec.com
Sensors
Specifications
DPRI-01
Normal Switching Distance
5mm ±10%
√
Operating Distance
0 to 4mm
√
Release Distance
Over switching distance, 9mm (maximum)
√
Repeat Error ON
0.05mm (maximum)
√
Repeat Error OFF
0.15mm (maximum)
√
Temperature Error (–10 to 50˚C)
±0.5mm or less (20˚C as standard)
√
Response Speed
300Hz or less (bounce 0.4ms or less)
√
Output
Contact Configuration
1NO
√
Switching Capacity
AC: 10VA (maximum)
DC: 10W (maximum)
√
Operating Voltage
AC: 100V (maximum)
DC: 100V (maximum)
√
Operating Current
AC: 0.25A (maximum)
DC: 0.25A (maximum)
√
Initial Contact Resistance
0.35Ω (maximum)
√
Shock Resistance
20G or less
√
Ambient Temperature Range
–10 to +50˚C
√
Sensing Object
Magnetic materials: Fe, Ni, Cu, Ferrite, etc.
√
Standard Sensing Object
30 x 20 x 1mm, Ferromagnetic soft iron plate
√
Life Expectancy
Electrical
20,000,000 operations
√
Mechanical
1,000,000,000 operations
√
Lead Wire
Cable type: 5mm 2-core vinyl cabtyre cable, 3-1/3’ (1m)
long
√
Weight
Approximately 40g
√
Part Number
Description
Part Number
Magnetic Proximity Switch
DPRI-01
For information on accessories,
see page 229.
Operation Principle
The DPRI magnetic proximity switch incorporates a sealed reed switch and four magnets inside a com-
pact housing. This self-contained proximity switch requires no external power supply and can detect the
presence of magnetic objects without contact.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com