Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035STR1-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 9Page - STMicroelectronics PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics PD55035STR1-E Datasheet HTML 11Page - STMicroelectronics PD55035STR1-E Datasheet HTML 12Page - STMicroelectronics PD55035STR1-E Datasheet HTML 13Page - STMicroelectronics PD55035STR1-E Datasheet HTML 14Page - STMicroelectronics PD55035STR1-E Datasheet HTML 15Page - STMicroelectronics PD55035STR1-E Datasheet HTML 16Page - STMicroelectronics PD55035STR1-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Table 13. S-parameter for VDS = 12.5 V, ID = 3 A
Frequency (MHz)
IS11I
S11<Φ
IS21I
S21<Φ
IS12I
S12<Φ
IS22I
S22<Φ
50
0.867
-165
14.95
88
0.009
2
0.848
-174
100
0.896
-171
7.31
80
0.009
-4
0.856
-177
150
0.913
-175
4.92
75
0.008
-7
0.861
-177
200
0.921
-176
3.57
69
0.008
-9
0.866
-177
250
0.921
-177
2.82
64
0.008
-13
0.874
-177
300
0.929
-178
2.28
59
0.007
-12
0.882
-177
350
0.930
-178
1.90
54
0.007
-14
0.888
-178
400
0.936
-178
1.59
50
0.006
-16
0.896
-177
450
0.938
-179
1.36
45
0.005
-14
0.904
-178
500
0.947
-179
1.17
42
0.005
-11
0.915
-178
550
0.950
180
1.02
38
0.004
-10
0.917
-178
600
0.951
180
0.90
35
0.004
-6
0.927
-179
650
0.956
179
0.79
32
0.004
-3
0.934
-179
700
0.960
179
0.71
29
0.003
4
0.935
-179
750
0.963
178
0.64
26
0.003
17
0.943
180
800
0.962
178
0.58
24
0.003
21
0.948
179
850
0.964
177
0.52
22
0.004
32
0.951
179
900
0.967
177
0.48
20
0.003
41
0.949
178
950
0.969
177
0.44
18
0.003
36
0.958
178
1000
0.969
176
0.40
15
0.004
53
0.956
178
1050
0.969
176
0.37
14
0.004
58
0.963
177
1100
0.969
175
0.34
12
0.004
64
0.963
177
1150
0.971
175
0.32
10
0.004
69
0.961
176
1200
0.973
175
0.30
8
0.004
71
0.965
176
1250
0.971
174
0.27
6
0.005
77
0.967
175
1300
0.971
174
0.26
5
0.006
78
0.970
174
1350
0.973
174
0.24
4
0.006
80
0.965
175
1400
0.970
173
0.22
2
0.007
87
0.973
174
1450
0.968
173
0.21
3
0.006
91
0.967
174
1500
0.968
173
0.19
1
0.008
111
0.965
173
PD55035STR1-E
Common source s-parameter
DS13938 - Rev 1
page 13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com