Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035STR1-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics PD55035STR1-E Datasheet HTML 11Page - STMicroelectronics PD55035STR1-E Datasheet HTML 12Page - STMicroelectronics PD55035STR1-E Datasheet HTML 13Page - STMicroelectronics PD55035STR1-E Datasheet HTML 14Page - STMicroelectronics PD55035STR1-E Datasheet HTML 15Page - STMicroelectronics PD55035STR1-E Datasheet HTML 16Page - STMicroelectronics PD55035STR1-E Datasheet HTML 17Page - STMicroelectronics PD55035STR1-E Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
PD55035STR1-E
Package information
DS13938 - Rev 1
page 14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com