Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCZ1A331MCL1GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # UCZ1A331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCZ1A331MCL1GS Datasheet(HTML) 3 Page - Nichicon corporation

  UCZ1A331MCL1GS Datasheet HTML 1Page - Nichicon corporation UCZ1A331MCL1GS Datasheet HTML 2Page - Nichicon corporation UCZ1A331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100K
ALUMINUM ELECTROLYTIC CAPACITORS
UCZ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
ESR(Ω)MAX.
(20℃/−40℃/100kHz)
Rated Ripple
(mArms)
(125℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
Initial
20℃
Initial
−40℃
after
endurance test
−40℃ ※
63
(1J)
10
6.3×7.7
0.12
6.3
2.00
100.00
−
60
UCZ1J100M□□1GS
22
8×10
0.12
13.86
0.70
35.00
−
100
UCZ1J220M□□1GS
33
8×10
0.12
20.79
0.70
35.00
−
100
UCZ1J330M□□6GS
33
10×10
0.12
20.79
0.50
25.00
−
170
UCZ1J330M□□1GS
47
8×10
0.12
29.61
0.70
35.00
−
100
UCZ1J470M□□6GS
47
10×10
0.12
29.61
0.50
25.00
−
170
UCZ1J470M□□1GS
150
12.5×13.5
0.12
94.5
0.20
1.30
14
1000
UCZ1J151M□□1MS
180
12.5×13.5
0.12
113.4
0.20
1.30
14
1000
UCZ1J181M□□1MS
220
12.5×13.5
0.12
138.6
0.20
1.30
14
1000
UCZ1J221M□□1MS
390
16×16.5
0.12
245.7
0.13
0.90
4.8
1900
UCZ1J391M□□1MS
470
18×16.5
0.12
296.1
0.11
0.82
3.9
2000
UCZ1J471M□□1MS
560
16×21.5
0.12
352.8
0.070
0.46
2.0
2500
UCZ1J561M□□1MS
750
18×21.5
0.12
472.5
0.068
0.44
1.8
2600
UCZ1J751M□□1MS
80
(1K)
10
8×10
0.12
8
0.75
50.00
−
70
UCZ1K100M□□1GS
22
8×10
0.12
17.6
0.75
50.00
−
70
UCZ1K220M□□6GS
22
10×10
0.12
17.6
0.55
35.00
−
115
UCZ1K220M□□1GS
33
8×10
0.12
26.4
0.75
50.00
−
70
UCZ1K330M□□6GS
33
10×10
0.12
26.4
0.55
35.00
−
115
UCZ1K330M□□1GS
47
10×10
0.12
37.6
0.55
35.00
−
115
UCZ1K470M□□1GS
150
12.5×13.5
0.12
120
0.28
1.90
14
700
UCZ1K151M□□1MS
270
16×16.5
0.12
216
0.19
1.40
4.8
1000
UCZ1K271M□□1MS
330
18×16.5
0.12
264
0.17
1.10
3.9
1100
UCZ1K331M□□1MS
390
16×21.5
0.12
312
0.12
0.80
2.6
1600
UCZ1K391M□□1MS
520
18× 21.5
0.12
416
0.11
0.70
2.4
1700
UCZ1K521M□□1MS
100
(2A)
10
8×10
0.10
10
0.75
50.00
−
70
UCZ2A100M□□1GS
22
8×10
0.10
22
0.75
50.00
−
70
UCZ2A220M□□6GS
22
10×10
0.10
22
0.55
35.00
−
115
UCZ2A220M□□1GS
33
10×10
0.10
33
0.55
35.00
−
115
UCZ2A330M□□1GS
82
12.5×13.5
0.10
82
0.28
1.90
22
700
UCZ2A820M□□1MS
150
16×16.5
0.10
150
0.19
1.40
4.8
1000
UCZ2A151M□□1MS
180
18×16.5
0.10
180
0.17
1.10
3.9
1100
UCZ2A181M□□1MS
220
16×21.5
0.10
220
0.12
0.80
2.6
1600
UCZ2A221M□□1MS
300
18×21.5
0.10
300
0.11
0.70
2.4
1700
UCZ2A301M□□1MS
■
Dimensions
Guaranteed time of ESR after endurance test
Size
φ6.3 × 5.8L
-
2000hrs.
-
2000hrs.
2000hrs.
3000hrs.
10 to 50V
63 to 100V
Guaranteed time
φ6.3 × 7.7L, φ8 × 10L
φ10 × 10L
φ16,18 × 16.5L
φ16,18 × 21.5L
φ12.5
□□ : Enter the appropriate configuration code.
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com