Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCZ1A331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCZ1A331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCZ1A331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UCZ1A331MCL1GS Datasheet HTML 1Page - Nichicon corporation UCZ1A331MCL1GS Datasheet HTML 2Page - Nichicon corporation UCZ1A331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAT.8100K
ALUMINUM ELECTROLYTIC CAPACITORS
UCZ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
ESR(Ω)MAX.
(20℃/−40℃/100kHz)
Rated Ripple
(mArms)
(125℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
Initial
20℃
Initial
−40℃
after
endurance test
−40℃ ※
10
(1A)
220
8×10
0.30
22
0.20
3.00
4.5
270
UCZ1A221M□□1GS
330
8×10
0.30
33
0.20
3.00
4.5
270
UCZ1A331M□□6GS
330
10×10
0.30
33
0.15
2.00
3.5
500
UCZ1A331M□□1GS
470
10×10
0.30
47
0.15
2.00
3.5
500
UCZ1A471M□□1GS
16
(1C)
47
6.3×5.8
0.23
7.52
1.60
24.00
−
69
UCZ1C470MCL1GS
100
6.3×7.7
0.23
16
0.45
5.00
40
197
UCZ1C101M□□6GS
100
8×10
0.23
16
0.20
3.00
4.5
270
UCZ1C101M□□1GS
220
8×10
0.23
35.2
0.20
3.00
4.5
270
UCZ1C221M□□1GS
330
10×10
0.23
52.8
0.15
2.00
3.5
500
UCZ1C331M□□1GS
470
10×10
0.23
75.2
0.15
2.00
3.5
500
UCZ1C471M□□1GS
25
(1E)
33
6.3×5.8
0.18
8.25
1.60
24.00
−
69
UCZ1E330MCL1GS
100
6.3×7.7
0.18
25
0.45
5.00
40
197
UCZ1E101M□□6GS
100
8×10
0.18
25
0.20
3.00
4.5
270
UCZ1E101M□□1GS
220
8×10
0.18
55
0.20
3.00
4.5
270
UCZ1E221M□□6GS
220
10×10
0.18
55
0.15
2.00
3.5
500
UCZ1E221M□□1GS
330
10×10
0.18
82.5
0.15
2.00
3.5
500
UCZ1E331M□□1GS
820
12.5×13.5
0.18
205
0.060
0.40
3
1700
UCZ1E821M□□1MS
1000
12.5×13.5
0.18
250
0.060
0.40
3
1700
UCZ1E102M□□1MS
1200
16×16.5
0.18
300
0.047
0.28
1.4
1700
UCZ1E122M□□1MS
1600
16×16.5
0.18
400
0.047
0.28
1.4
2400
UCZ1E162M□□1MS
2200
18×16.5
0.20
550
0.045
0.23
1.3
2600
UCZ1E222M□□1MS
2700
16×21.5
0.20
675
0.034
0.20
0.6
3000
UCZ1E272M□□1MS
3300
18×21.5
0.22
825
0.032
0.16
0.5
3250
UCZ1E332M□□1MS
35
(1V)
10
6.3×5.8
0.16
3.5
1.60
24.00
−
69
UCZ1V100MCL1GS
22
6.3×5.8
0.16
7.7
1.60
24.00
−
69
UCZ1V220MCL1GS
33
6.3×7.7
0.16
11.55
0.45
5.00
40
197
UCZ1V330M□□1GS
47
6.3×7.7
0.16
16.45
0.45
5.00
40
197
UCZ1V470M□□6GS
47
8×10
0.16
16.45
0.20
3.00
4.5
270
UCZ1V470M□□1GS
68
8×10
0.16
23.8
0.20
3.00
4.5
270
UCZ1V680M□□1GS
100
8×10
0.16
35
0.20
3.00
4.5
270
UCZ1V101M□□1GS
220
10×10
0.16
77
0.15
2.00
3.5
500
UCZ1V221M□□1GS
470
12.5×13.5
0.16
164.5
0.060
0.40
3.0
1700
UCZ1V471M□□1MS
560
12.5×13.5
0.16
196
0.060
0.40
3.0
1700
UCZ1V561M□□1MS
680
12.5×13.5
0.16
238
0.060
0.40
3.0
1700
UCZ1V681M□□1MS
820
16×16.5
0.16
287
0.047
0.28
1.4
2400
UCZ1V821M□□1MS
1000
16×16.5
0.16
350
0.047
0.28
1.4
2400
UCZ1V102M□□1MS
1200
18×16.5
0.16
420
0.045
0.28
1.4
2600
UCZ1V122M□□1MS
1400
18× 16.5
0.16
490
0.045
0.28
1.4
2600
UCZ1V142M□□1MS
1600
16× 21.5
0.16
560
0.034
0.20
0.6
3000
UCZ1V162M□□1MS
2200
18× 21.5
0.18
770
0.032
0.16
0.5
3250
UCZ1V222M□□1MS
50
(1H)
10
6.3×5.8
0.16
5
2.80
42.00
−
51
UCZ1H100MCL1GS
22
6.3×7.7
0.16
11
0.50
5.00
40
197
UCZ1H220M□□1GS
33
6.3×7.7
0.16
16.5
0.50
5.00
40
197
UCZ1H330M□□6GS
33
8×10
0.16
16.5
0.25
3.50
6
270
UCZ1H330M□□1GS
47
6.3×7.7
0.16
23.5
0.50
5.00
40
197
UCZ1H470M□□6GS
47
8×10
0.16
23.5
0.25
3.50
6
270
UCZ1H470M□□1GS
100
10×10
0.16
50
0.20
2.50
4.5
500
UCZ1H101M□□1GS
390
12.5×13.5
0.16
195
0.10
0.44
4.0
1300
UCZ1H391M□□1MS
470
16×16.5
0.16
235
0.080
0.34
2.6
2000
UCZ1H471M□□1MS
560
16×16.5
0.16
280
0.080
0.34
2.6
2000
UCZ1H561M□□1MS
680
18×16.5
0.16
340
0.078
0.32
2.6
2100
UCZ1H681M□□1MS
820
18×16.5
0.16
410
0.078
0.32
2.6
2100
UCZ1H821M□□1MS
1000
16×21.5
0.16
500
0.040
0.22
1.5
2800
UCZ1H102M□□1MS
1200
18×21.5
0.16
600
0.038
0.20
1.5
2900
UCZ1H122M□□1MS
■
Dimensions
□□ : Enter the appropriate configuration code.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com