Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-DMA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-DMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-DMA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-DMA Datasheet HTML 6Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 7Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 8Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 9Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 10Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8
SSA3000X Plus Analyzer DataSheet
Spectrum Analyzer Mode
Frequency and Time Characteristic
Frequency
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Frequency range
9 kHz ~ 1.5 GHz 9 kHz ~ 2.1 GHz 9 kHz ~ 3.2 GHz
9 kHz ~ 7.5 GHz
Frequency resolution
1 Hz
Frequency Span
Range
0 Hz, 100 Hz to Max Frequency
Accuracy
± Span / (number of display points - 1)
Internal Reference Source
Reference frequency
10.000000 MHz
Reference frequency
accuracy / uncertainty
± [(time since last adjustment × frequency aging rate) + temperature
stability + initial calibration accuracy]
Initial calibration accuracy
<1 ppm
Temperature stability
<1 ppm/year, 0 °C ~50 °C
Frequency aging rate
<0.5 ppm/first year, 3.0 ppm/20 years
Marker
Marker resolution
Span / (number of display points - 1)
Marker uncertainty
± [frequency indication × reference frequency uncertainty + 1% × span +
10% × resolution bandwidth + marker resolution]
Frequency Counter resolution 0.01 Hz
0.1 Hz
Bandwidths
Resolution bandwidth (-3dB)
1 Hz ~ 1 MHz, in 1-3-10 sequence
1 Hz~3 MHz
Resolution filter shape factor
< 4.8 : 1 (60 dB:3 dB), Gaussian-like
RBW uncertainty
<5%
Video bandwidth (-3dB)
1 Hz ~ 3 MHz, in 1-3-10 sequence
1 Hz~10 MHz
VBW uncertainty
<5%
Sweep and Trigger
Sweep time
1 ms to 1500 s
1 ms to 2100 s
1 ms to 3200 s
1 ms to 7500 s
RBW
Sweep
30 Hz ~ 1 MHz
3 kHz ~ 3 MHz
FFT
1 Hz ~ 10 kHz
1 Hz ~ 10 kHz
Sweep rule
Single, Continuous
Trigger source
Free, Video, External
External trigger
5V TTL level, Rising edge/Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com