Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-DMA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-DMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-DMA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSA3000XP-DMA Datasheet HTML 1Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 2Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 3Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 4Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 5Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 6Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 7Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 8Page - List of Unclassifed Manufacturers SSA3000XP-DMA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2
SSA3000X Plus Analyzer DataSheet
Models and Main index
Model
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Frequency Range
9 kHz~1.5 GHz
9 kHz~2.1 GHz
9 kHz~3.2 GHz
9 kHz~7.5 GHz
Resolution Bandwidth
1 Hz~1 MHz
1 Hz~1 MHz
1 Hz~1 MHz
1 Hz~3 MHz
Displayed Average Noise
Level
-156 dBm/Hz
-161 dBm/Hz
-161 dBm/Hz
-165 dBm/Hz
SSB Phase Noise
< -99 dBc/Hz
< -98 dBc/Hz
<-98 dBc/Hz
<-98 dBc/Hz
Third-order intercept
+10 dBm
+10 dBm
+10 dBm
+14 dBm
Total Amplitude Accuracy
< 1.2 dB
< 0.7 dB
< 0.7 dB
< 0.7 dB
Tracking Generator
5MHz~1.5GHz
100kHz~2.1GHz
100kHz~3.2GHz
100kHz~7.5GHz
Touch Screen
Multi Touch, Mouse and Keyboard supported
Advanced Measurement
CHP, ACPR, OBW, CNR, Harmonic, TOI, Monitor
Reflection Measurement
VSWR measurement using Reflection Bridge
EMI Test
EMI Filter and Quasi-Peak Detector, Log Scale and Limit Line
Modulation Analysis
AM, FM; ASK, FSK, MSK, PSK, QAM
Communication Interface
LAN, USB Device, USB Host (USB-GPIB)
Remote Control Capability
SCPI/Labview/IVI based on USB-TMC/VXI-11/Socket/Telnet
Remote Controller
NI-MAX, Web Browser, Easy Spectrum software, File Explorer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com