Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02N60 Datasheet(PDF) 1 Page - Stanson Technology

Part # M02N60
Description  N Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

M02N60 Datasheet(HTML) 1 Page - Stanson Technology

  M02N60 Datasheet HTML 1Page - Stanson Technology M02N60 Datasheet HTML 2Page - Stanson Technology M02N60 Datasheet HTML 3Page - Stanson Technology M02N60 Datasheet HTML 4Page - Stanson Technology M02N60 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N Channel MOSFET
M02N60
2.0A
FEATURE
Robust High Voltage Temination.
Avalanche Energy Specified
Source-to Drain Diode Recovery Time
Comparable to a Discrete Fast Recovery Diode
Diode is Characterized for Use in Bridge
Circurits
IDSS and VDS(on) Specified at Elevated
Temperature
PIN CONFIGURATION
TO-251
TO-252
1.Gate 2.Drain 3.Source
ABSOLUTE MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Drain to Current - Continuous
- Pulsed
ID
IDM
2.0
9.0
A
Gate-to-Source Voltage – Continue
- Non-repetitive
VGS
VGSM
+/-20
+/-40
V
V
Total Power Dissipation
TO-251/252
TO-220
PD
60
60
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy – Tj = 25℃
(VDD =100V, VGS = 10V, IAS = 2A, L = 10mH, RG = 25Ω)
EAS
20
mJ
Thermal Resistance – Junction to Case
- Junction to Ambient
θJC
θ
JA
1.0
62.5
℃/W
Maximum Lead Temperature for Soldering Purposes, 1/8’’ form 10 seconds
TL
260
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294
FAX: (650) 9389295


Similar Part No. - M02N60

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
M02N60B STANSON-M02N60B Datasheet
221Kb / 5P
N Channel MOSFET
More results

Similar Description - M02N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com