Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02N60 Datasheet(PDF) 2 Page - Stanson Technology

Part # M02N60
Description  N Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

M02N60 Datasheet(HTML) 2 Page - Stanson Technology

  M02N60 Datasheet HTML 1Page - Stanson Technology M02N60 Datasheet HTML 2Page - Stanson Technology M02N60 Datasheet HTML 3Page - Stanson Technology M02N60 Datasheet HTML 4Page - Stanson Technology M02N60 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N Channel MOSFET
M02N60
2.0A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
*Pulse Test: Pulse Width ≦300μS, Duty Cycle ≦ 2%
**Negligible, Dominated by circuit inductance
PARAMETERS
SYMBO
L
MIN
TYP
MAX UNIT
CONDITION
Drain-Source Breakdown Voltage
V(BR)DSS
600
Vdc
VGS=0, ID=250uA
Drain-Source Leakage Current
IDSS
0.1
1.0
mA
mA
VDS=600V, VGS=0
VDS=480V, VGS=0, Tj=125℃
Gate-Source Leakage Current-
Forward
IGSSF
100
nA
VGSF=20V, VDS=0
Gate Threshhold Voltage
VGS(th)
2.0
4.0
V
VDS=VGS, ID=250uA
Drain-Source On-Resistance
RDS(on)
4.4
Ohm
VGS=10V, ID=1.2A*
Input Capacitance
Ciss
435
pF
Output Capacitance
Coss
56
pF
Reverse Transfer Capacitance
Crss
9.2
pF
VDS=25V, VGS=0, f=1 MHz
Turn-On Delay Time
td(on)
12
nS
Turn-Off Delay Time
Td(off)
30
nS
VDD=300V, ID=2.0A,
Rise Time
tr
21
nS
Fall Time
tf
24
nS
VGS=10V, RG=18Ω
Total Gate Charge
Qg
13
22
nC
Gate-Drain Charge
Qgd
6.0
nC
VDS=400V, ID=2.0A
Gate-Drain Charge
Qgs
2.0
nC
VGS=10V*
Intemal Drain Inductance
LD
4.5
nH
Measured from the drain lead
0.25’’ From package to center
of die
Internal Drain Inductance
Ls
7.5
nH
Measured from the sorce lead
0.25’’ form package to source
bond pad
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VDS
1.5
V
Forward Tum Time
ton
**
nS
Reverse Recovery Time
trr
340
nS
Is=2.0A, VGS=0V
dIS/dt = 100A/μS
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com