Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP02
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02 Datasheet(HTML) 1 Page - STMicroelectronics

  LCP02 Datasheet HTML 1Page - STMicroelectronics LCP02 Datasheet HTML 2Page - STMicroelectronics LCP02 Datasheet HTML 3Page - STMicroelectronics LCP02 Datasheet HTML 4Page - STMicroelectronics LCP02 Datasheet HTML 5Page - STMicroelectronics LCP02 Datasheet HTML 6Page - STMicroelectronics LCP02 Datasheet HTML 7Page - STMicroelectronics LCP02 Datasheet HTML 8Page - STMicroelectronics LCP02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
March 2014
DocID026111 Rev 1
1/10
LCP02
Protection IC for ringing SLICs
Datasheet
− production data
Features
• Protection IC recommended for ringing SLICs
• Wide firing voltage range: -120 V to +120 V
• Low gate triggering current: IG = 5 mA max
• Peak pulse current: IPP = 30 A (10/1000 µs)
• Holding current: IH = 150 mA min.
Applications
• Dual battery supply voltage SLICs
• Central office (CO)
• Private branch exchange (PBX)
• Digital loop carrier (DLC)
• Digital subscriber line access multiplexer
(DSLAM)
• Fiber in the loop (FITL)
• Wireless local loop (WLL)
• Hybrid fiber coax (HFC)
• ISDN terminal adapter
• Cable modem
TM: Trisil is a trademark of STMicroelectronics
Description
The LCP02 has been developed to protect SLICs
operating on both negative and positive battery
supplies, as well as high voltage SLICs. It
provides crowbar mode protection for both TIP
and RING lines. The surge suppression is
assumed for each wire by two thyristor structures,
one dedicated to positive surges the second one
for negative surges. Both positive and negative
threshold levels are programmable by two gates.
LCP02 can be used to help equipment to meet
various standards such as UL1950, IEC 60950 /
CSAC22.2, UL1459 and TIA-968-A. LCP02
pinout and clearance is compatible with UL60950.
Resin meets UL94 V0.
LCP02 is UL497B approved - file: E136224.
Figure 1. Functional diagram
Figure 2. Pin-out configuration
SO-8 wide
LCP02
Gn
TIP
Gp
GND
RING
GND
TIP
RING
Gp
Gn
NC
NC
GND
www.st.com


Similar Part No. - LCP02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150B1RL STMICROELECTRONICS-LCP02-150B1RL Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
LCP02-150M-TR STMICROELECTRONICS-LCP02-150M-TR Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
More results

Similar Description - LCP02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
AN2456 STMICROELECTRONICS-AN2456 Datasheet
617Kb / 15P
Protection of single battery voltage SLICs for new networks in US market
03-Nov-2006
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
STMicroelectronics
LCP12 STMICROELECTRONICS-LCP12 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
LCP22 STMICROELECTRONICS-LCP22 Datasheet
272Kb / 10P
Protection IC for ringing SLICs
22-Oct-2014
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com