Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L16180CF2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RF2L16180CF2
Description  180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CF2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RF2L16180CF2 Datasheet HTML 5Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 6Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 7Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 8Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 9Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 10Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 11Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 12Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
5.2
Marking information
Figure 5. Marking composition
Unmarkable Surface
Marking Composition Field
PACKAGE FACE : TOP
LEGEND
A
B
C
D
E
F
G H
A
B
C
D
E
F
G
H
- STANDARD ST LOGO
- ECO level
(e4)
- MARKING AREA
- ADDITIONAL
INFORMATION
(MAX CHAR ALLOWED = 7)
- COUNTRY OF ORIGIN
(MAX CHAR ALLOWED = 3)
- Assy Plant
(PP)
- Assy Year
(Y)
- Assy Week
(WW)
GADG040220211644GT
RF2L16180CF2
Marking information
DS13308 - Rev 2
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com