Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L16180CF2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L16180CF2
Description  180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CF2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L16180CF2 Datasheet HTML 1Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 2Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 3Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 4Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 5Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 6Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 7Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 8Page - STMicroelectronics RF2L16180CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Typical performances
3.1
Pulsed CW performance
Table 6. Typical performance vs frequency
f (MHz)
GPS @P1dB(dB)
P1dB(W)
P3dB(W)
ηD @P3dB(%)
1440
17.6
182
227
56.6
1450
17.4
177
222
57
1470
17.2
165
201
58
Note:
VDD = 28 Volts, IDQ = 800 mA, pulsed CW, pulse width = 10 µs, duty cycle = 12%
Figure 1. Power gain and drain efficiency vs output power (1440 to 1470 MHz)
20
25
30
35
40
45
50
55
60
15
16
17
18
19
40
60
80
100
120
140
160
180
200
220
240
GADG090420210743GT
POUT (dbm)
1440 MHz
GPS
ηD
1450 MHz
1470 MHz
3.2
WCDMA performance
Table 7. Typical single-carrier W-CDMA performance (POUT,avg = 45 dBm)
f (MHz) GPS (dB) ηD (%) PAR out (dB) ACPR1 low (dBc) ACPR1 high (dBc) ACPR2 low (dBc) ACPR2 high (dBc)
1440
18.2
26.4
8.10
-30.7
-30.6
-54.0
-53.0
1450
17.6
27.0
7.91
-31.3
-31.7
-53.0
-54.0
1470
18.2
28.6
7.86
-31.3
-30.6
-53.2
-51.5
Note:
VDD = 28 V, IDQ = 600 mA, WCDMA signal: 3GPP test model 1; 1 to 64 DPCH; channel bandwidth = 3.84 MHz,
PAR = 10 dB at 0.01 % probability on CCDF. Test performed at 45 dBm average output power level .
RF2L16180CF2
Typical performances
DS13308 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com