Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L36040CF2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF2L36040CF2
Description  40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L36040CF2 Datasheet(HTML) 5 Page - STMicroelectronics

  RF2L36040CF2 Datasheet HTML 1Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 2Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 3Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 4Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 5Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 6Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 7Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 8Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Table 7. Typical performance over 3.4 - 3.6 GHz frequency band (VDD= 32 V, IDQ=500 mA)
f(MHz)
GPS @ P1dB (dB)
P3dB (W)
ƞD @ P3dB (%)
3400
11.2
59.8
54.4
3500
12.2
65.5
53
3600
12.5
59
51
Figure 2. Power gain and drain efficiency vs output power (3.4 - 3.6 GHz frequency band, VDD= 32 V,
IDQ=500 mA)
GADG120320201108SA
15
20
25
30
35
40
45
50
55
60
65
9
10
11
12
13
14
38
40
42
44
46
48
50
POUT (dbm)
η
D
3500 MHz
3400 MHz
3600 MHz
GPS
Note:
Pulse width=100 µs, duty cycle=10%.
RF2L36040CF2
Pulsed CW performance
DS13235 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com