Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L36040CF2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RF2L36040CF2
Description  40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L36040CF2 Datasheet(HTML) 3 Page - STMicroelectronics

  RF2L36040CF2 Datasheet HTML 1Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 2Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 3Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 4Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 5Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 6Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 7Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 8Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 µA
60
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 28 V
1
μA
VGS = 0 V, VDS = 50 V
IGSS
Gate-body leakage current
VGS = -6/10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 1 V, ID = 600 μA
1.75
2.5
V
VDS = 28 V, ID = 600 μA
VGS(Q)
Gate quiescent voltage
VDS= 28 V, ID= 380 mA
2.8
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 800 mA
100
300
mV
VGS = 10 V, ID = 2 A
300
700
RDS(on)
Drain-source on-state resistance
VGS = 10 V, VDS = 100 mV
1
Ω
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 100 mV
2.5
A
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
2700
3600
MHz
POUT
Output power
f = 3600 MHz, @ 1 dB
compression point
40
W
GPS
Power gain
14
dB
ƞD
Drain efficiency
48
%
VSWR
Load mismatch
POUT = 40 W, all phases
10:1
Note:
VDD = 28 V, IDQ= 380 mA, pulsed CW test signal, pulse width=100 μs, duty cycle=10%.
RF2L36040CF2
Electrical characteristics
DS13235 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com