Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L36075CF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF2L36075CF2
Description  75 W, 28 V, 3.1 to 3.6 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L36075CF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF2L36075CF2 Datasheet HTML 2Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 3Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 4Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 5Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 6Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 7Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 8Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 9Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3.2
WCDMA performance
Table 7. Typical Single-Carrier W-CDMA performance
POUT, avg(dBm)
ACPR5M (dBc)
3400 MHz
3500 MHz
3600 MHz
33
-50.4
-50.2
-52.0
34
-48.4
-48.1
-50.2
35
-46.3
-46.4
-48.2
36
-44.6
-44.8
-46.0
37
-42.5
-42.7
-44.0
38
-40.5
-41.2
-41.6
39
-38.3
-39.0
-39.5
40
-36.0
-36.8
-36.8
Figure 3. ACPR5M vs output power over 3400-3600 MHz band
-51
-49
-47
-45
-43
-41
-39
-37
-35
35
36
37
38
39
40
POUT (dbm)
GADG090420211349GT
3400 MHz
3500 MHz
3600 MHz
Note:
VDD = 28 V, IDQ = 600 mA, WCDMA signal: 3GPP test model 1; 1 to 64 DPCH; channel bandwidth = 3.84 MHz,
PAR = 10.5 dB at 0.01% probability on CCDF.
RF2L36075CF2
WCDMA performance
DS13249 - Rev 2
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com