Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L36075CF2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L36075CF2
Description  75 W, 28 V, 3.1 to 3.6 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L36075CF2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L36075CF2 Datasheet HTML 1Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 2Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 3Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 4Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 5Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 6Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 7Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 8Page - STMicroelectronics RF2L36075CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Typical performance
3.1
Pulsed CW performance
Table 6. Typical performance vs frequency
f (MHz)
GPS@P1dB(dB)
P1dB (dBm)
ηD @P1dB (%)
P3dB (dBm)
ηD @P3dB (%)
3400
12.3
48.3
46.3
50
49
3500
12.5
48.8
44.7
49.6
47
3600
12.5
48.2
42.8
49.3
48
Figure 1. Power gain and drain efficiency vs output power over 3400-3600 MHz band (VDD = 28 V)
20
25
30
35
40
45
50
10
11
12
13
14
43
44
45
46
47
48
49
50
51
3400 MHz
GADG090420211303GT
3500 MHz
3600 MHz
GPS
ηD
POUT (dbm)
Note:
IDQ = 600 mA, pulse width = 10 µs, duty cycle = 10%.
RF2L36075CF2
Typical performance
DS13249 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com