Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16045 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST16045
Description  45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16045 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST16045 Datasheet HTML 5Page - STMicroelectronics ST16045 Datasheet HTML 6Page - STMicroelectronics ST16045 Datasheet HTML 7Page - STMicroelectronics ST16045 Datasheet HTML 8Page - STMicroelectronics ST16045 Datasheet HTML 9Page - STMicroelectronics ST16045 Datasheet HTML 10Page - STMicroelectronics ST16045 Datasheet HTML 11Page - STMicroelectronics ST16045 Datasheet HTML 12Page - STMicroelectronics ST16045 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
15-Oct-2018
1
Initial release.
23-Sep-2020
2
Updated Section Product status / summary, Table 5. Dynamic and Section 4.1 A2 package
information.
18-Mar-2021
3
Modified Section 1 Electrical ratings, Table 2. Thermal data, Table 3. ESD protection, Table 4. Static
and Table 5. Dynamic.
Added Section 3 Typical performance.
Modified the entire Section 4 Test circuits.
Added Section 6 Marking information.
ST16045
DS12788 - Rev 3
page 11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com