Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16045 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST16045
Description  45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16045 Datasheet(HTML) 3 Page - STMicroelectronics

  ST16045 Datasheet HTML 1Page - STMicroelectronics ST16045 Datasheet HTML 2Page - STMicroelectronics ST16045 Datasheet HTML 3Page - STMicroelectronics ST16045 Datasheet HTML 4Page - STMicroelectronics ST16045 Datasheet HTML 5Page - STMicroelectronics ST16045 Datasheet HTML 6Page - STMicroelectronics ST16045 Datasheet HTML 7Page - STMicroelectronics ST16045 Datasheet HTML 8Page - STMicroelectronics ST16045 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0 V, ID= 100 µA
65
-
V
IDSS
Zero-gate voltage drain
current
VGS= 0 V, VDS= 28 V
-
1
µA
VGS= 0 V, VDS= 50 V
-
IGSS
Gate-body leakage current
VGS=-6/10 V, VDS=0 V
-
±100
nA
VGS(th)
Gate threshold voltage
VDS= 28 V, ID= 300 µA
1.5
-
2.5
V
VGS(Q)
Gate quiescent voltage
VDS=1 V, IDS=50 mA
1.7
-
3.2
V
VDS(on)
Static drain-source on-
resistance
VGS= 1 V, ID= 500 mA
-
0.22
V
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
0.7
1.7
GHz
POUT
Output power
f = 1330 MHz
45
W
GPS
Power gain
20
dB
ηD
Drain efficiency
55
%
VSWR
Load mismatch
POUT = 45 W all phases
10:1
Note:
VDD=28 V, IDQ=200 mA, CW test signal.
ST16045
Electrical characteristics
DS12788 - Rev 3
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com