Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST36015 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST36015
Description  20 W, 28 V, 0.7 to 3.6 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST36015 Datasheet(HTML) 3 Page - STMicroelectronics

  ST36015 Datasheet HTML 1Page - STMicroelectronics ST36015 Datasheet HTML 2Page - STMicroelectronics ST36015 Datasheet HTML 3Page - STMicroelectronics ST36015 Datasheet HTML 4Page - STMicroelectronics ST36015 Datasheet HTML 5Page - STMicroelectronics ST36015 Datasheet HTML 6Page - STMicroelectronics ST36015 Datasheet HTML 7Page - STMicroelectronics ST36015 Datasheet HTML 8Page - STMicroelectronics ST36015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 µA
65
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 28 V
1
μA
VGS = 0 V, VDS = 50 V
1
IGSS
Gate-body leakage current
VGS = -6/10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 28 V, ID = 600 μA
1.5
2.5
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 200 mA
0.25
V
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 100 mV
2.5
A
RDS(on)
Drain-source on-state resistance
VGS = 10 V, ID = 0.18 A
1
Ω
VGS = 10 V, ID = 0.75 A
1
CISS
Common source input
capacitance
VGS = 0 V, VDD = 28 V,
f = 1 MHz
37
pF
CRSS
Common source feedback
capacitance
0.3
pF
COSS
Common source output
capacitance
8.4
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
VDD = 28 V, IDQ = 10 mA, f = 3450 MHz,
pulse width = 10 μs, DC = 10%
-
20
W
GPS
Power gain
-
12.4
dB
ηD
Drain efficiency
-
42
%
VSWR
Load mismatch
POUT = 20 W, all phases
-
10:1
ST36015
Electrical characteristics
DS12760 - Rev 4
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com