Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST36015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST36015
Description  20 W, 28 V, 0.7 to 3.6 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST36015 Datasheet(HTML) 1 Page - STMicroelectronics

  ST36015 Datasheet HTML 1Page - STMicroelectronics ST36015 Datasheet HTML 2Page - STMicroelectronics ST36015 Datasheet HTML 3Page - STMicroelectronics ST36015 Datasheet HTML 4Page - STMicroelectronics ST36015 Datasheet HTML 5Page - STMicroelectronics ST36015 Datasheet HTML 6Page - STMicroelectronics ST36015 Datasheet HTML 7Page - STMicroelectronics ST36015 Datasheet HTML 8Page - STMicroelectronics ST36015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
E2
2
1
3
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
ST36015
3450 MHz
28 V
20 W
12.4 dB
42%
High efficiency and linear gain operations
Integrated ESD protection
Internal input matching for ease of use
Large positive and negative gate-source voltage range for improved class C
operation
In compliance with the European directive 2002/95/EC
Applications
Telecom and wideband communication
Industrial, scientific and medical (ISM)
Description
The ST36015 is a 20 W, 28 V, internally matched LDMOS transistor designed for
cellular base stations and ISM applications in the frequency range from 0.7 to 3.6
GHz.
Product status link
ST36015
Product summary
Order code
ST36015
Marking
ST36015
Package
E2
Packing
Tape and reel 13"
Base/bulk quantity
300/300
20 W, 28 V, 0.7 to 3.6 GHz RF power LDMOS transistor
ST36015
Datasheet
DS12760 - Rev 4 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST36015

ManufacturerPart #DatasheetDescription
logo
Pro-Power
ST360/7B PROPOWER-ST360/7B Datasheet
91Kb / 1P
Ladder Ties
logo
Tyco Electronics
ST36040 MACOM-ST36040 Datasheet
88Kb / 2P
Accessories Slim Interface Relay SNR
logo
Microdiode Semiconducto...
ST360L CHENDA-ST360L Datasheet
350Kb / 2P
TRENCH SCHOTTKY RECTIFIER
More results

Similar Description - ST36015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF2L27015CG2 STMICROELECTRONICS-RF2L27015CG2 Datasheet
1Mb / 11P
15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
27-Sep-2021
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF2L36075CF2 STMICROELECTRONICS-RF2L36075CF2 Datasheet
1Mb / 13P
75 W, 28 V, 3.1 to 3.6 GHz RF power LDMOS transistor
14-Apr-2021
RF2L42008CG2 STMICROELECTRONICS-RF2L42008CG2 Datasheet
1Mb / 12P
8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
27-Sep-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com